Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3725IMSETR Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3725IMSETR
Description  Single-Switch Forward Controller and Gate Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3725IMSETR Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3725IMSETR Datasheet HTML 6Page - Linear Technology LTC3725IMSETR Datasheet HTML 7Page - Linear Technology LTC3725IMSETR Datasheet HTML 8Page - Linear Technology LTC3725IMSETR Datasheet HTML 9Page - Linear Technology LTC3725IMSETR Datasheet HTML 10Page - Linear Technology LTC3725IMSETR Datasheet HTML 11Page - Linear Technology LTC3725IMSETR Datasheet HTML 12Page - Linear Technology LTC3725IMSETR Datasheet HTML 13Page - Linear Technology LTC3725IMSETR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3725
10
3725f
exceeds 1.26V the gate drive is immediately turned “off.”
Note that this is not considered a fault condition and the
LTC3725 can run indefinitely with the switch duty cycle
being determined by the volt-second limit circuit. The duty
cycle is always limited to 75% to ensure that the power
transformer flux always has time to reset before the start
of the next cycle.
In an alternate application, the volt-second limit can be
used for open-loop regulation of the output against changes
in VIN.
Current Limit
Current limit for the LTC3725 is principally a safety feature
to protect the converter and is not part of a control
function. The current that flows in series through the
transformer primary and the switch is sensed by a resistor
connected between the source of the switch and GND. If
the voltage across this resistor exceeds 300mV, the
LTC3725 initiates a fault.
Voltage Feedforward
The LTC3725 uses voltage feedforward to properly modu-
late the duty cycle as a function of the input voltage. For
secondary-side control with the LTC3706, voltage
feedforward is used during start-up only. The duty cycle
during start up is determined by comparison of the voltage
on the SSFLT pin to a 75% duty cycle triangle wave with
an amplitude of 2V. To implement voltage feedforward, the
charging current for the soft-start capacitor is reduced in
proportion to the input voltage. As a result, the initial rate
of rise of the converter output voltage is held approxi-
mately constant regardless of the input voltage. At some
point during start-up, the LTC3706 begins to switch the
pulse transformer and take over the soft-start.
For operation with standalone primary-side control and
optoisolator feedback, voltage feedforward is used during
both start-up and normal operation. The duty cycle is
determined by using a 75% duty cycle triangle wave with
an amplitude equal to 66% of the voltage on the UVLO pin
which is, in turn, proportional to VIN. The charging current
for the soft-start capacitor is a constant 5.2
µA. During
soft-start, the duty cycle is determined by comparing the
voltage on the SSFLT pin to the triangle wave. Soft-start is
concluded when the voltage on the SSFLT pin exceeds the
voltage on the FB/IN+ pin. After the conclusion of soft-
start, the duty cycle is determined by comparison of the
voltage on the FB/IN+ pin to the triangle wave.
Optoisolator Bias
When the LTC3725 is used in standalone primary-side
mode, feedback is provided by an optoisolator connected
to the FB/IN+ pin. The LTC3725 has a built optoisolator
bias circuit which eliminates the need for external
components.
OPERATIO


Similar Part No. - LTC3725IMSETR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3725 LINER-LTC3725 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3725 LINER-LTC3725 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LTC3725 LINER-LTC3725 Datasheet
275Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
   Single-Switch Forward Controller and Gate Driver
More results

Similar Description - LTC3725IMSETR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3705 LINER-LTC3705_15 Datasheet
299Kb / 20P
   2-Switch Forward Controller and Gate Driver
LTC3705 LINER-LTC3705 Datasheet
293Kb / 20P
   2-Switch Forward Controller and Gate Driver
LTC3765 LINER-LTC3765_15 Datasheet
272Kb / 24P
   Active Clamp Forward Controller and Gate Driver
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1 Datasheet
235Kb / 24P
   Single Switch Synchronous Forward Controller
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
logo
Texas Instruments
EMB1428Q TI1-EMB1428Q Datasheet
863Kb / 29P
[Old version datasheet]   Switch Matrix Gate Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
   BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com