Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM4753A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # ZM4753A
Description  Surface Mount 1W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ZM4753A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  ZM4753A Datasheet HTML 1Page - TAITRON Components Incorporated ZM4753A Datasheet HTML 2Page - TAITRON Components Incorporated ZM4753A Datasheet HTML 3Page - TAITRON Components Incorporated ZM4753A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. B/JG 2006-03-29
www.taitroncomponents.com
Page 2 of 4
Surface Mount 1W Zener Diodes
ZM47XXA Series
Electrical Characteristics
( Tamb = 25°C unless otherwise specified )
Nominal
Zener
Voltage
3
@IZT
Test
Current
Max. Zener Impedance
1
Max. Reverse
Leakage Current
Surge
Current
@
TA=25°C
Max.
Regulator
Current
2
Part NO.
Vz (V)
IZT (mA)
ZZT (Ω)
ZZK (Ω)
IZK(mA)
IR (uA)
VR (V)
Ir (uA)
IZM (uA)
ZM4728A
3.3
76
10
400
1
100
1.0
1380
276
ZM4729A
3.6
69
10
400
1
100
1.0
1260
252
ZM4730A
3.9
64
9
400
1
50
1.0
1170
234
ZM4731A
4.3
58
9
400
1
10
1.0
1085
217
ZM4732A
4.7
53
8
500
1
10
1.0
965
193
ZM4733A
5.1
49
7
550
1.0
10
1.0
890
178
ZM4734A
5.6
45
5
600
1.0
10
2.0
810
162
ZM4735A
6.2
41
2
700
1.0
10
3.0
730
146
ZM4736A
6.8
37
3.5
700
1.0
10
4.0
660
133
ZM4737A
7.5
34
4.0
700
0.5
10
5.0
605
121
ZM4738A
8.2
31
4.5
700
0.5
10
6.0
550
110
ZM4739A
9.1
28
5.0
700
0.5
10
7.0
500
100
ZM4740A
10
25
7
700
0.25
10
7.6
454
91
ZM4741A
11
23
8
700
0.25
5
8.4
414
83
ZM4742A
12
21
9
700
0.25
5
9.1
380
76
ZM4743A
13
19
10
700
0.25
5
9.9
344
69
ZM4744A
15
17
14
700
0.25
5
11.4
304
61
ZM4745A
16
15.5
16
700
0.25
5
12.2
285
57
ZM4746A
18
14
20
750
0.25
5
13.7
250
50
ZM4747A
20
12.5
22
750
0.25
5
15.2
225
45
ZM4748A
22
11.5
23
750
0.25
5
16.7
205
41
ZM4749A
24
10.5
25
750
0.25
5
18.2
190
38
ZM4750A
27
9.5
35
750
0.25
5
20.6
170
34
ZM4751A
30
8.5
40
1000
0.25
5
22.8
150
30
ZM4752A
33
7.5
45
1000
0.25
5
25.1
135
27
ZM4753A
36
7.0
50
1000
0.25
5
27.4
125
25
ZM4754A
39
6.5
60
1000
0.25
5
29.7
115
23
ZM4755A
43
6.0
70
1500
0.25
5
32.7
110
22


Similar Part No. - ZM4753A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4753A DIODES-ZM4753A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
Vishay Siliconix
ZM4753A VISHAY-ZM4753A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
ZM4753A VISHAY-ZM4753A Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.4, 12-Dec-05
logo
PACELEADER INDUSTRIAL
ZM4753A PACELEADER-ZM4753A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
SynSemi, Inc.
ZM4753A SYNSEMI-ZM4753A Datasheet
39Kb / 2P
   ZENER DIODES
More results

Similar Description - ZM4753A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com