Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZMC75 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TZMC75
Description  500mW Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TZMC75 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TZMC75 Datasheet HTML 1Page - TAITRON Components Incorporated TZMC75 Datasheet HTML 2Page - TAITRON Components Incorporated TZMC75 Datasheet HTML 3Page - TAITRON Components Incorporated TZMC75 Datasheet HTML 4Page - TAITRON Components Incorporated TZMC75 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
500mW Surface Mount Zener Diodes
TZMC2V4 – TZMC100
Rev. B/AH 2008-02-28
www.taitroncomponents.com
Page 2 of 5
Normal Zener Voltage
Max. Zener impedance
Max. reverse
leakage current
VZ @ IZT
ZZT @ IZT
Zzk @ Izk
ID @ VR
P/N
Marking
Code
Nom.(V)
Min. (V)
Max. (V)
IZT (mA)
mA
µA
VR (V)
TZMC2V4
C2V4
2.4
2.28
2.56
5.0
85
600
1
50
1
TZMC2V7
C2V7
2.7
2.5
2.9
5.0
85
600
1
10
1
TZMC3V0
C3V0
3.0
2.8
3.2
5.0
90
600
1
4
1
TZMC3V3
C3V3
3.3
3.1
3.5
5.0
90
600
1
2
1
TZMC3V6
C3V6
3.6
3.4
3.8
5.0
90
600
1
2
1
TZMC3V9
C3V9
3.9
3.7
4.1
5.0
90
600
1
2
1
TZMC4V3
C4V3
4.3
4.0
4.6
5.0
90
600
1
1
1
TZMC4V7
C4V7
4.7
4.4
5.0
5.0
80
600
1
0.5
1
TZMC5V1
C5V1
5.1
4.8
5.4
5.0
60
550
1
0.1
1
TZMC5V6
C5V6
5.6
5.2
6.0
5.0
40
450
1
0.1
1
TZMC6V2
C6V2
6.2
5.8
6.6
5.0
10
200
1
0.1
2
TZMC6V8
C6V8
6.8
6.4
7.2
5.0
8
150
1
0.1
3
TZMC7V5
C7V5
7.5
7.0
7.9
5.0
7
50
1
0.1
5
TZMC8V2
C8V2
8.2
7.7
8.7
5.0
7
50
1
0.1
6
TZMC9V1
C9V1
9.1
8.5
9.6
5.0
10
50
1
0.1
7
TZMC10
C10V
10
9.4
10.6
5.0
15
70
1
0.1
7.5
TZMC11
C11V
11
10.4
11.6
5.0
20
70
1
0.1
8.5
TZMC12
C12V
12
11.4
12.7
5.0
20
90
1
0.1
9
TZMC13
C13V
13
12.4
14.1
5.0
26
110
1
0.1
10
TZMC15
C15V
15
13.8
15.6
5.0
30
110
1
0.1
11
TZMC16
C16V
16
15.3
17.1
5.0
40
170
1
0.1
12
TZMC18
C18V
18
16.8
19.1
5.0
50
170
1
0.1
14
TZMC20
C20V
20
18.8
21.2
5.0
55
220
1
0.1
15
TZMC22
C22V
22
20.8
23.3
5.0
55
220
1
0.1
17
TZMC24
C24V
24
22.8
25.6
5.0
80
220
1
0.1
18
TZMC27
C27V
27
25.1
28.9
5.0
80
220
1
0.1
20
TZMC30
C30V
30
28
32
5.0
80
220
1
0.1
22
TZMC33
C33V
33
31
35
5.0
80
220
1
0.1
24
TZMC36
C36V
36
34
38
5.0
80
220
1
0.1
27
TZMC39
C39V
39
37
41
2.5
90
500
1
0.1
30
TZMC43
C43V
43
40
46
2.5
90
600
1
0.1
33


Similar Part No. - TZMC75

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZMC75 VISHAY-TZMC75 Datasheet
76Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZMC75 VISHAY-TZMC75 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
TZMC75 VISHAY-TZMC75 Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZMC75 VISHAY-TZMC75 Datasheet
87Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZMC75 VISHAY-TZMC75 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
More results

Similar Description - TZMC75

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
   500mW SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
   500mW Surface Mount Zener Diodes
logo
TAITRON Components Inco...
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
   500mW Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com