Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMMC3V6 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # ZMMC3V6
Description  500mW Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ZMMC3V6 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  ZMMC3V6 Datasheet HTML 1Page - TAITRON Components Incorporated ZMMC3V6 Datasheet HTML 2Page - TAITRON Components Incorporated ZMMC3V6 Datasheet HTML 3Page - TAITRON Components Incorporated ZMMC3V6 Datasheet HTML 4Page - TAITRON Components Incorporated ZMMC3V6 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
500mW Surface Mount Zener Diodes
ZMMC2V4 – ZMMC100
Rev. B/AH 2008-02-28
www.taitroncomponents.com
Page 3 of 5
Fig.1 Power Derating Curve
Ambient Temperature Ta (°C)
Normal Zener Voltage
Max. Zener impedance
Max. reverse
leakage current
VZ @ IZT
ZZT @ IZT
Zzk @ Izk
ID @ VR
P/N
Marking
Code
Nom.(V)
Min. (V)
Max. (V)
IZT (mA)
mA
µA
VR (V)
ZMMC47
C47V
47
44
50
2.5
110
700
1
0.1
36
ZMMC51
C51V
51
48
54
2.5
125
700
0.5
0.1
39
ZMMC56
C56V
56
52
60
2.5
135
1000
0.5
0.1
43
ZMMC62
C62V
62
58
66
2.5
150
1000
0.5
0.1
47
ZMMC68
C68V
68
64
72
2.5
200
1000
0.5
0.1
51
ZMMC75
C75V
75
70
79
2.5
250
1500
0.5
0.1
56
ZMMC82
C82V
82
77
87
2.5
300
2000
0.5
0.1
62
ZMMC91
C91V
91
85
96
1.0
450
5000
0.1
0.1
68
ZMMC100
C100
100
94
106
1.0
450
5000
0.1
0.1
75
Note: Marking code is available in 2008.
Characteristics Curves


Similar Part No. - ZMMC3V6

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
ZMM OLITECH-ZMM Datasheet
638Kb / 3P
   ZENER DIODES
logo
Diotec Semiconductor
ZMM1 DIOTEC-ZMM1 Datasheet
348Kb / 3P
   Surface mount Silicon Planar Zener Diodes
logo
Semtech Corporation
ZMM1 SEMTECH-ZMM1 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Kingtronics Internation...
ZMM1 KINGTRONICS-ZMM1 Datasheet
499Kb / 8P
   ZMM1 THRU ZMM75 Silicon Epitaxial Planar Zener Diodes
logo
Shanghai Lunsure Electr...
ZMM1 CHENYI-ZMM1 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMMC3V6

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
   500mW SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
   500mW Surface Mount Zener Diodes
logo
TAITRON Components Inco...
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
   500mW Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com