Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V437464E24VXTG-75 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V437464E24VXTG-75
Description  3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437464E24VXTG-75 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V437464E24VXTG-75 Datasheet HTML 1Page - Mosel Vitelic, Corp V437464E24VXTG-75 Datasheet HTML 2Page - Mosel Vitelic, Corp V437464E24VXTG-75 Datasheet HTML 3Page - Mosel Vitelic, Corp V437464E24VXTG-75 Datasheet HTML 4Page - Mosel Vitelic, Corp V437464E24VXTG-75 Datasheet HTML 5Page - Mosel Vitelic, Corp V437464E24VXTG-75 Datasheet HTML 6Page - Mosel Vitelic, Corp V437464E24VXTG-75 Datasheet HTML 7Page - Mosel Vitelic, Corp V437464E24VXTG-75 Datasheet HTML 8Page - Mosel Vitelic, Corp V437464E24VXTG-75 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
V437464E24V Rev. 1.0 January 2002
MOSEL VITELIC
V437464E24V
Block Diagram
RQM0
I/O1–I/O4
10
RCS0
CS
D0–D17
RAS
R
E
G
I
S
T
E
R
VDD
RRAS
D0–D17
CAS
RCAS
D0–D17
WE
RWE
CKE0
R0CKE0, R1CKE0
DQM0–DQM7
RDQM0–RDQM7
CS0, CS
RC0, RCS2
D0–D17
A0–A12
RA0–RA12
D0–D17
BA0, BA1
PLL CLK
PLL
RBA0, RBA1
CLK1–CLK3
REGE
D0–D17
12pF
10K
10K
DQM
I/O1–I/O8
D0
I/O5–I/O8
10
CS
DQM
I/O1–I/O8
D1
RQM4
I/O33–I/O36
10
CS
DQM
I/O1–I/O8
D9
I/O37–I/O40
10
CS
DQM
I/O1–I/O8
D10
RQM1
I/O9–I/O12
10
CS
DQM
I/O1–I/O8
D2
I/O13–I/O16
10
CS
DQM
I/O1–I/O8
D3
RQM5
I/O41–I/O44
10
CS
RQM2
I/O17–I/O20
10
CS
DQM
I/O1–I/O8
D5
I/O21–I/O24
10
CS
DQM
I/O1–I/O8
D6
RQM6
I/O49–I/O52
10
CS
DQM
I/O1–I/O8
D14
I/O53–I/O56
10
CS
DQM
I/O1–I/O8
D15
RQM3
I/O25–I/O28
10
CS
DQM
I/O1–I/O8
D7
I/O29–I/O32
10
CS
DQM
I/O1–I/O8
D8
RQM7
I/O57–I/O60
10
CS
DQM
I/O1–I/O8
D16
I/O61–I/O64
10
CS
DQM
I/O1–I/O8
D17
DQM
I/O1–I/O8
D11
I/O45–I/O48
10
CS
DQM
I/O1–I/O8
D12
CB1–CB3
10
CS
DQM
I/O1–I/O8
D4
CB4–CB7
10
CS
DQM
I/O1–I/O8
D13
RCS2
CLK0
12pF
10K


Similar Part No. - V437464E24VXTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24VXTG-10PC MOSEL-V437464Q24VXTG-10PC Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24VXTG-75 MOSEL-V437464Q24VXTG-75 Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24VXTG-75PC MOSEL-V437464Q24VXTG-75PC Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results

Similar Description - V437464E24VXTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827464N24S MOSEL-V827464N24S Datasheet
478Kb / 15P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V827332N04S MOSEL-V827332N04S Datasheet
450Kb / 15P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V827332U04S MOSEL-V827332U04S Datasheet
294Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com