Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM4731A Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # ZM4731A
Description  Surface Mount 1W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ZM4731A Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  ZM4731A Datasheet HTML 1Page - TAITRON Components Incorporated ZM4731A Datasheet HTML 2Page - TAITRON Components Incorporated ZM4731A Datasheet HTML 3Page - TAITRON Components Incorporated ZM4731A Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. B/JG 2006-03-29
www.taitroncomponents.com
Page 3 of 4
Surface Mount 1W Zener Diodes
ZM47XXA Series
ZM4756A
47
5.5
80
1500
0.25
5
35.8
95
19
ZM4757A
51
5.0
95
1500
0.25
5
38.8
90
18
ZM4758A
56
4.5
110
2000
0.25
5
42.6
80
16
ZM4759A
62
4.0
125
2000
0.25
5
47.1
70
14
ZM4760A
68
3.7
150
2000
0.25
5
51.7
65
13
ZM4761A
75
3.3
175
2000
0.25
5
56.0
60
12
ZM4762A
82
3.0
200
3000
0.25
5
62.2
55
11
ZM4763A
91
2.8
250
3000
0.25
5
69.2
50
10
ZM4764A
100
2.5
350
3000
0.25
5
76.0
45
9
Note:
1. The Zener impedance is derived from the 1KHZ AC voltage which results when an AC current having
an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener
impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate
unstable units
2. Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature
3. Measured under thermal equilibrium and DC test conditions
Typical Characteristics (Tamb=25 unless otherwise specified)


Similar Part No. - ZM4731A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4731A DIODES-ZM4731A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
Vishay Siliconix
ZM4731A VISHAY-ZM4731A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
ZM4731A VISHAY-ZM4731A Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.4, 12-Dec-05
logo
PACELEADER INDUSTRIAL
ZM4731A PACELEADER-ZM4731A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
SynSemi, Inc.
ZM4731A SYNSEMI-ZM4731A Datasheet
39Kb / 2P
   ZENER DIODES
More results

Similar Description - ZM4731A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com