Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20C2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST20C2
Description  Instruction Set Reference Manual
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Datasheet(HTML) 5 Page - STMicroelectronics

  ST20C2 Datasheet HTML 1Page - STMicroelectronics ST20C2 Datasheet HTML 2Page - STMicroelectronics ST20C2 Datasheet HTML 3Page - STMicroelectronics ST20C2 Datasheet HTML 4Page - STMicroelectronics ST20C2 Datasheet HTML 5Page - STMicroelectronics ST20C2 Datasheet HTML 6Page - STMicroelectronics ST20C2 Datasheet HTML 7Page - STMicroelectronics ST20C2 Datasheet HTML 8Page - STMicroelectronics ST20C2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 212 page
background image
5/212
®
1
Introduction
This manual provides a summary and reference to the ST20 instruction set for C2 and
C4 cores. The instructions are listed in alphabetical order, one to a page. Descriptions
are presented in a standard format with the instruction mnemonic and full name of the
instruction at the top of the page, followed by these categories of information:
• Code: the instruction code;
• Description: a brief summary of the purpose and behavior of the instruction;
• Definition: a more complete description of the instruction, using the notation
described below in section 1.7;
• Error signals: a list of errors and other signals which can occur;
• Comments: a list of other important features of the instruction;
• See also: for some instructions, a cross reference is provided to other instruc-
tions with a related function.
These categories are explained in more detail below, using the
add instruction as an
example.
1.1
Instruction name
The header at the top of each page shows the instruction mnemonic and, on the right,
the full name of the instruction. For primary instructions the mnemonic is followed by
‘n’ to indicate the operand to the instruction; the same notation is used in the
description to show how the operand is used.
1.2
Code
For secondar y instructions the instruction ‘operation code’ is shown as the memory
code — the actual bytes, including any prefixes, which are stored in memory. The
value is given as a sequence of bytes in hexadecimal, decoded left to right. The codes
are stored in memory in ‘little-endian’ format — with the first byte at the lowest
address.
For primary instructions the code stored in memory is determined partly by the value
of the operand to the instruction. In this case the op-code is shown as ‘Function
x’
where
x is the function code in the last byte of the instruction. For example, adc (add
constant) is shown as ‘Function 8’.
Example
The entry for the
add instruction is:
Code:F5


Similar Part No. - ST20C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20 STMICROELECTRONICS-ST20 Datasheet
129Kb / 21P
   ST20 software development and debugging tools
logo
Arch Electronics Corp.
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
logo
RFE international
ST20-103 RFE-ST20-103 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-104 RFE-ST20-104 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-154 RFE-ST20-154 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
More results

Similar Description - ST20C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
   Instruction Set Reference Manual
logo
DENSEI-LAMBDA
PAF600F280 LAMBDA-PAF600F280 Datasheet
897Kb / 13P
   Instruction Manual
logo
Nanjing Qinheng Microel...
CH561 WCH-CH561 Datasheet
731Kb / 96P
   Manual instruction
logo
List of Unclassifed Man...
PX-601 ETC1-PX-601 Datasheet
3Mb / 2P
   INSTRUCTION MANUAL
MC340 ETC-MC340 Datasheet
294Kb / 2P
   MC340 Instruction Manual
Rev. MC340_1347en
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
   SAM47 INSTRUCTION SET
logo
STMicroelectronics
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
   Extended instruction set
May 2017 Rev 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com