Electronic Components Datasheet Search |
|
766143222GPSP Datasheet(PDF) 1 Page - CTS Corporation |
|
766143222GPSP Datasheet(HTML) 1 Page - CTS Corporation |
1 / 5 page Page 1 of 5 February 2008 CTS Electronic Components Leaded Surface Mount Series 766 www.ctscorp.com Resistance Tolerance: Resistance Range: Standard: ±2% or 0.5Ω (whichever is greater) Standard: 10Ω to 1 MegΩ Special: ±0.25% or 0.3Ω (whichever is greater) Operating Temperature Range: Dielectric Strength: -55°C to +125°C 100 VAC Temperature Coefficient: Maximum Operating Voltage: Standard: 100Ω to 1 MegΩ 50V not to exceed rated power 100PPM/°C typical 10Ω to 99Ω ±200PPM/°C typical Power Rating (Total Network Power): 14 Pin 16 Pin @25°C 1.6w 1.8w @70°C 1.0w 1.2w Maximum Resistor Power: (Not to Exceed Total Network Power) Schematic 1 3 5 7 @25°C 0.12w 0.24w 0.12w 0.12w @70°C 0.08w 0.16w 0.08w 0.08w Features • Narrow Body Design • Solid Ceramic Construction • No Internal Dendrite Growth • Requires 30% Less Board Space Than Molded Products of the Same Power Rating • Meets EIA PDP SOGN-0001 Outline • Packaged in Tape & Reel or Slide Packs • Application Specific Circuits are Available • Compatible With Reflow Solder Process • RoHS Compliant Leaded Surface Mount Series 766 Technical Data |
Similar Part No. - 766143222GPSP |
|
Similar Description - 766143222GPSP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |