Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC180A Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # 1.5SMC180A
Description  1500W Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1.5SMC180A Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  1.5SMC180A Datasheet HTML 1Page - TAITRON Components Incorporated 1.5SMC180A Datasheet HTML 2Page - TAITRON Components Incorporated 1.5SMC180A Datasheet HTML 3Page - TAITRON Components Incorporated 1.5SMC180A Datasheet HTML 4Page - TAITRON Components Incorporated 1.5SMC180A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1500W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2008-02-25
1.5SMC6.8A - 1.5SMC250CA
www.taitroncomponents.com
Page 2 of 5
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current.
Part NO.
Device Marking
Code
Reverse
Stand-off
Voltage
V BR
Max.
Clamping
Voltage
@
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM (V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
μA)
1.5SMC6.8A
1.5SMC6.8CA
6V8A
6V8C
5.8
6.45
7.14
10.5
144.8
1000/2000
1.5SMC7.5A
1.5SMC7.5CA
7V5A
7V5C
6.4
7.13
7.88
11.3
134.5
500/1000
1.5SMC8.2A
1.5SMC8.2CA
8V2A
8V2C
7.02
7.79
8.61
10
12.1
125.6
200/400
1.5SMC9.1A
1.5SMC9.1CA
9V1A
9V1C
7.78
8.65
9.55
1
13.4
113.4
50/100
1.5SMC10A
1.5SMC10CA
10A
10C
8.55
9.5
10.5
1
14.5
104.8
10/20
1.5SMC11A
1.5SMC11CA
11A
11C
9.4
10.5
11.6
1
15.6
97.4
5/10
1.5SMC12A
1.5SMC12CA
12A
12C
10.2
11.4
12.6
1
16.7
91.0
5/10
1.5SMC13A
1.5SMC13CA
13A
13C
11.1
12.4
13.7
1
18.2
83.5
1
1.5SMC15A
1.5SMC15CA
15A
15C
12.8
14.3
15.8
1
21.2
71.7
1
1.5SMC16A
1.5SMC16CA
16A
16C
13.6
15.2
16.8
1
22.5
67.6
1
1.5SMC18A
1.5SMC18CA
18A
18C
15.3
17.1
18.9
1
25.2
60.3
1
1.5SMC20A
1.5SMC20CA
20A
20C
17.1
19
21
1
27.7
54.9
1
1.5SMC22A
1.5SMC22CA
22A
22C
18.8
20.9
23.1
1
30.6
49.7
1
1.5SMC24A
1.5SMC24CA
24A
24C
20.5
22.8
25.2
1
33.2
45.8
1
1.5SMC27A
1.5SMC27CA
27A
27C
23.1
25.7
28.4
1
37.5
40.5
1
1.5SMC30A
1.5SMC30CA
30A
30C
25.6
28.5
31.5
1
41.4
36.7
1
1.5SMC33A
1.5SMC33CA
33A
33C
28.2
31.4
34.7
1
45.7
33.3
1
1.5SMC36A
1.5SMC36CA
36A
36C
30.8
34.2
37.8
1
49.9
30.5
1
1.5SMC39A
1.5SMC39CA
39A
39C
33.3
37.1
41
1
53.9
28.2
1
1.5SMC43A
1.5SMC43CA
43A
43C
36.8
40.9
45.2
1
59.3
25.6
1
1.5SMC47A
1.5SMC47CA
47A
47C
40.2
44.7
49.4
1
64.8
23.5
1
1.5SMC51A
1.5SMC51CA
51A
51C
43.6
48.5
53.6
1
70.1
21.7
1
1.5SMC56A
1.5SMC56CA
56A
56C
47.8
53.2
58.8
1
77
19.7
1
1.5SMC62A
1.5SMC62CA
62A
62C
53
58.9
65.1
1
85
17.9
1
1.5SMC68A
1.5SMC68CA
68A
68C
58.1
64.6
71.4
1
92
16.5
1
1.5SMC75A
1.5SMC75CA
75A
75C
64.1
71.3
78.8
1
103
14.8
1
1.5SMC82A
1.5SMC82CA
82A
82C
70.1
77.9
86.1
1
113
13.5
1
1.5SMC91A
1.5SMC91CA
91A
91C
77.8
86.5
95.5
1
125
12.2
1
1.5SMC100A
1.5SMC100CA
100A
100C
85.5
95
105
1
137
11.1
1
1.5SMC110A
1.5SMC110CA
110A
110C
94
105
116
1
152
10.0
1
1.5SMC120A
1.5SMC120CA
120A
120C
102
114
126
1
165
9.2
1
1.5SMC130A
1.5SMC130CA
130A
130C
111
124
137
1
179
8.5
1


Similar Part No. - 1.5SMC180A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1.5SMC180A SUNMATE-1.5SMC180A Datasheet
622Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
1.5SMC180A CENTRAL-1.5SMC180A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
1.5SMC180A VISHAY-1.5SMC180A Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
GOOD-ARK Electronics
1.5SMC180A GOOD-ARK-1.5SMC180A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Vishay Siliconix
1.5SMC180A VISHAY-1.5SMC180A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC180A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com