Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

766141510GPSP Datasheet(PDF) 4 Page - CTS Corporation

Part # 766141510GPSP
Description  Leaded Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

766141510GPSP Datasheet(HTML) 4 Page - CTS Corporation

  766141510GPSP Datasheet HTML 1Page - CTS Corporation 766141510GPSP Datasheet HTML 2Page - CTS Corporation 766141510GPSP Datasheet HTML 3Page - CTS Corporation 766141510GPSP Datasheet HTML 4Page - CTS Corporation 766141510GPSP Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
February 2008
CTS Electronic Components
Leaded Surface Mount Series 766
www.ctscorp.com
(Cont.)
Thevenin Equivalent Resistance Chart
R1
R2
R1
R2
Ohms
Thevenin
Equivalent
CTS
Code
Ohms
Thevenin
Equivalent
CTS
Code
200
1.5K
176 ohm
171D
560
1K
359 ohm
361A
220
330
132 ohm
131A
680
1K
405 ohm
401A
220
270
121 ohm
121B
750
750
375 ohm
381A
220
220
110 ohm
111D
750
2.3K
566 ohm
571A
240
170
100 ohm
101C
1K
3.3K
767 ohm
771A
240
620
173 ohm
171C
1K
2K
667 ohm
671A
250
250
125 ohm
131B
1.1K
2.2K
733 ohm
731A
270
470
171 ohm
171A
1.2K
1.2K
600 ohm
601A
270
180
108 ohm
111C
1.5K
1.5K
750 ohm
751A
271
131
88 ohm
880A
1.5K
3.3K
1031 ohm
102A
330
470
194 ohm
191A
2K
2K
1000 ohm
102B
330
680
222 ohm
221A
2.2K
5.6K
1579 ohm
162A
330
390
179 ohm
181A
2.2K
4.4K
1467 ohm
152A
330
220
132 ohm
131D
2.2K
3.3K
1320 ohm
132A
330
330
165 ohm
171B
3K
6.2K
2022 ohm
202A
360
720
240 ohm
241B
3K
2K
1200 ohm
122A
360
600
225 ohm
231A
3.3K
4.7K
1939 ohm
192A
390
620
239 ohm
241A
3.9K
3.3K
1788 ohm
182A
470
1K
320 ohm
321A
4.7K
22K
3873 ohm
392A
470
680
278 ohm
281A
5K
5K
2500 ohm
252A
470
940
313 ohm
311A
6.8K
22K
5194 ohm
522A
500
500
250 ohm
251A
10K
51K
8361 ohm
842A
560
910
347 ohm
351A
50K
100K
33,333 ohm
333A
1.
All tolerances +/-2%.
2. Other values available on request. 3. Suffix letter has no significance - assigned in sequential order.
How to Order
766
14
1
103
G
P
TR13
1 Bussed
3 Isolated
5 Dual Terminator
7 Ladder
Refer to the EIA Code
Schematics
1 & 3
: Page 3
5
: Pages 3 & 4
NOTE: No dashes or spaces to appear in part number.
Example: 766141103GPTR13
Tolerance
Packaging
SP = Slide Pack
TR = Tape & Reel
Reel Size
– 7 = 7” Reel
13 = 13”
RoHS Compliant
Solder dipped 96Sn/04Ag over Ni on
Cu lead wire.
Resistor Code
Part Number Series
Schematic
Number of Pins
Schematic
Schematic
Schematic
1 & 3
5
7
J = ±5%
Tolerance is 2% standard. F= ±1LSB
G = ±2% (Std.) Refer to dual terminator
D= ±1/2LSB
F = ±1%
codes on pages 3&4.
(LSB=Least
D = ±1/2%
Not necessary to add “G” Significant Bit)
after dual terminator code.


Similar Part No. - 766141510GPSP

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
766141 CANDD-766141 Datasheet
302Kb / 2P
   Pulse Transformers
logo
CTS Corporation
766141103GP CTS-766141103GP Datasheet
99Kb / 4P
   Surface Mount Resistor Network
766141DPTR13 CTS-766141DPTR13 Datasheet
99Kb / 4P
   Narrow Body Design
766141DPTR7 CTS-766141DPTR7 Datasheet
99Kb / 4P
   Narrow Body Design
766141FPTR13 CTS-766141FPTR13 Datasheet
99Kb / 4P
   Narrow Body Design
More results

Similar Description - 766141510GPSP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
768 CTS-768 Datasheet
147Kb / 5P
   Leaded Surface Mount
767 CTS-767 Datasheet
141Kb / 5P
   Leaded Surface Mount
logo
Rhombus Industries Inc.
L-15358 RHOMBUS-IND-L-15358 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15373 RHOMBUS-IND-L-15373 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15338 RHOMBUS-IND-L-15338 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15350 RHOMBUS-IND-L-15350 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15351 RHOMBUS-IND-L-15351 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15363 RHOMBUS-IND-L-15363 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15374 RHOMBUS-IND-L-15374 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15345 RHOMBUS-IND-L-15345 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com