Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450TBM1F252A1A1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 450TBM1F252A1A1
Description  Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450TBM1F252A1A1 Datasheet(HTML) 1 Page - CTS Corporation

  450TBM1F252A1A1 Datasheet HTML 1Page - CTS Corporation 450TBM1F252A1A1 Datasheet HTML 2Page - CTS Corporation 450TBM1F252A1A1 Datasheet HTML 3Page - CTS Corporation 450TBM1F252A1A1 Datasheet HTML 4Page - CTS Corporation 450TBM1F252A1A1 Datasheet HTML 5Page - CTS Corporation 450TBM1F252A1A1 Datasheet HTML 6Page - CTS Corporation 450TBM1F252A1A1 Datasheet HTML 7Page - CTS Corporation 450TBM1F252A1A1 Datasheet HTML 8Page - CTS Corporation 450TBM1F252A1A1 Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
®
Industrial 15/16"
(24mm) Diameter
1/2 Watt Composition
Variable Resistors
• Low cost
• Versatile mounting styles:
– bushing
– twist tab
– bend tab
– snap-in PC bracket
– solder lug or PC terminals
• Wide resistance range
• Molded / metal shaft & bushing
• Pull-push, Push-push and rotary power switches
• Shaft and bushing waterseal available
• Rear extended shaft available
• Single, tandem, or concentric constructions
• Special vernier adjust (multiturn) construction
available for fine adjustment
• Long life construction available
Series 450
Electrical and Mechanical Specifications
Resistance Range
100 ohms through 10 megohms (linear taper)
Long life construction - 10K ohms through 5 megohms
(linear taper)
Resistance Tolerance
Standard: ±20%
Power Rating, Watts
1/2 watt 10K ohms, 1/3 watt; above 10K ohms through
100K ohms, 1/4watt above 100K ohms. Full rating @
55°C, derated to no load at 85°C
Voltage Rating
Bushing to Terminals:
High pot test, one minute
Standard construction – 1080VAC
Vernier construction – 1000VAC
Operating maximum – 750VDC
Across End Terminals:
500 VDC, load not to exceed listed wattage ratings.
Special: 1500/1800VAC high pot available.
(continued on next page)
Features
Resistance Tapers
Standard – Linear,10% Audio and 10% CCW Audio
Special – Consult CTS
Rotational Angle
Standard Construction
Total Rotation: with rotary switch — 320° ± 5°
Total Rotation: without switch or with push-pull
or push-push switches — 300° ± 5°
Vernier Adjust Construction
Effective Rotation
With or without switch — 300° (approximate)
Special angle available — consult CTS
Bushing Information
Diameter: EIA Standard 3/8"-32 UNEF-2A thread.
Standard length: 3/8" or 1/4" (9.53mm or 6.35mm)
Special length available upon request
Metric bushing available upon request
All models of 450 series pot. are now RoHS compliant
except 040 and 041 push-push power switches. The
two models of power switches are RoHS compliant
available upon request.
Special: ±10%
Shaft Rotational Angle
VA-450 – 3700° – 10
turns
1
/4
5VA-450 – 2000° – 5
turns
1
/2
1 - 9
01/25/07
CTS Electronic Components
www.ctscorp.com
RoHS Compliant
© 2007 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 450TBM1F252A1A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220F102A1A1 CTS-450T220F102A1A1 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
450T220F102A1B1 CTS-450T220F102A1B1 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
450T220F102A2A1 CTS-450T220F102A2A1 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
450T220F102A2B1 CTS-450T220F102A2B1 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
450T220F102A3A1 CTS-450T220F102A3A1 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
More results

Similar Description - 450TBM1F252A1A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
CTS Corporation
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com