Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX5032GB10000H0PESZZ Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # CX5032GB10000H0PESZZ
Description  Crystal Units Surface Mount Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX5032GB10000H0PESZZ Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  CX5032GB10000H0PESZZ Datasheet HTML 1Page - Kyocera Kinseki Corpotation CX5032GB10000H0PESZZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation CX5032GB10000H0PESZZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation CX5032GB10000H0PESZZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation CX5032GB10000H0PESZZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation CX5032GB10000H0PESZZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation CX5032GB10000H0PESZZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation CX5032GB10000H0PESZZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation CX5032GB10000H0PESZZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Features
• Crystal unit for audio-visual, office equipment
• Miniature and low profile (3.2x2.5x0.55mm)
• Ceramic package
• A lead free product
• Reflow compatible
Applications
• Digital Electronics
• Audio-Visual, Office Equipment
Specifications
Table1 Motional Series Resistances
Dimensions
(Unit : mm)
Recommended Land Pattern
(Unit : mm)
Table2 Level of Drive
3.6
1.3
1.3
3.20.1
1.2
CONNECTION
(TOP VIEW)
GND
HOT
HOT
GND
4-R0.2
#4
#3
#1
#2
#1
#2
#4
#3
1.0
1.0
#4
#3
#1
#2
Items
Symbol
Specification
Units
Remarks
f_nom
OT
f_tol
f_tem
R1
DL
CL
T_use
T_stg
12000 to 54000
Fundamental
50
50
Table 1
Table 2
8
10 to 70
40 to 85
kHz
––––
10-6
10-6
ohm
W
pF
°C
°C
@ 25°C
ref.@ 25°C Over Operating Temp. Range
How to Order
①Code
②Typical Frequencies
③Load Capacitance
④Frequency Stability
⑤Operating Temperature Range
⑥Frequency Temperature Stability
⑦Special
*Please inquire about frequencies other than the above.
CX3225SB 24000 D0 P E S ZZ
Code
Freq.(kHz)
Code
Freq.(kHz)
12000
13560
14318
14745
16000
18432
20000
22579
24000
24576
12000.000
13560.000
14318.180
14745.600
16000.000
18432.000
20000.000
22579.000
24000.000
24576.000
25000
26000
27000
27120
30000
33000
33333
40000
48000
54000
25000.000
26000.000
27000.000
27120.000
30000.000
33000.000
33333.000
40000.000
48000.000
54000.000
8pF
5010-6
10°C to 70°C
5010-6
D0
P
E
S
ZZ
Custom Specification
Frequency Range
Motional Series Resistance
Units
ohm
300
200
100
50
12000 to 13999kHz
14000 to 15999kHz
16000 to 26999kHz
27000 to 54000kHz
Frequency Range
Level of Drive
Units
12000 to 54000kHz
10 (100 max.)
W
Frequency Range
Overtone Order
Frequency Tolerance
Frequency Temp. Characteristics
Motional Series Resistance
Level of Drive
Load Capacitance
Operating Temp. Range
Storage Temp. Range
* Please inqurie about specifications other than the above.
Pb Free
RoHS Compliant
Crystal Units
Surface Mount Type CX3225SB (CX-101F)
3.2×2.5mm for Audio & Visual, Office Equipment
- 36 -


Similar Part No. - CX5032GB10000H0PESZZ

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032GA08000H0QTVZ1 KSS-CX5032GA08000H0QTVZ1 Datasheet
69Kb / 1P
   Crystal units surface mount type
More results

Similar Description - CX5032GB10000H0PESZZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CT2016DB KSS-CT2016DB Datasheet
69Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com