Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST20GP1X33S Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST20GP1X33S
Description  GPS PROCESSOR
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20GP1X33S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST20GP1X33S Datasheet HTML 4Page - STMicroelectronics ST20GP1X33S Datasheet HTML 5Page - STMicroelectronics ST20GP1X33S Datasheet HTML 6Page - STMicroelectronics ST20GP1X33S Datasheet HTML 7Page - STMicroelectronics ST20GP1X33S Datasheet HTML 8Page - STMicroelectronics ST20GP1X33S Datasheet HTML 9Page - STMicroelectronics ST20GP1X33S Datasheet HTML 10Page - STMicroelectronics ST20GP1X33S Datasheet HTML 11Page - STMicroelectronics ST20GP1X33S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
ST20-GP1
8/116
®
Figure 2.1 ST20-GP1 architectural block diagram
GPS
radio
12 channel GPS
Low
controller
power
Real time
clock
4K
SRAM
Programmable
memory
interface
RAM
ROM/
FLASH
ST20-GP1
ST20
CPU
Interrupt
controller
Serial
communications
Parallel
input/output
Byte-wide
parallel
port
.
2 UART
1 OS-Link
hardware DSP
System
services
OS-Link
Reset
Analyse
Error
Clock
6
Interrupts
User position
output in
ASCII
.
.
8
.
.
.


Similar Part No. - ST20GP1X33S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20GP6X33S STMICROELECTRONICS-ST20GP6X33S Datasheet
1Mb / 123P
   GPS PROCESSOR
More results

Similar Description - ST20GP1X33S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-GP6 STMICROELECTRONICS-ST20-GP6 Datasheet
1Mb / 123P
   GPS PROCESSOR
logo
ATMEL Corporation
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
   GPS Baseband Processor
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
   GPS Baseband Processor SuperSense
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
   GPS Receiver Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com