Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1010J-010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1010J-010
Description  DIGITAL ACCELEROMETER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1010J-010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1010J-010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc. ! 1445 NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 3]
Mar 07
3
VDD
VR
CLK/2
CNT
DIR
0.1 uF
16
12
10
15
+5V
14
11
1010x-xxx
COMPLEMENT OF DIR
TO PULSE COUNTER
CLOCK ÷ 2
GND
19
6
5
DV
TEST INPUT
4
100 kHz to 1 MHz
8
CLK
DIR
2
18
RECOMMENDED CONNECTIONS
PINOUT
(LCC & JLCC)
Model 1010 Digital Accelerometer
ABSOLUTE MAXIMUM RATINGS *
Case Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125
EC
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125
EC
Acceleration Over-range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000g for 0.1 ms
Voltage on V
DD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6.5V
Voltage on Any Pin (except DV) to GND
4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to V
DD+0.5V
Voltage on DV to GND
5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mW
Note 4: Voltages on pins other than DV, GND or V
DD may exceed 0.5 volt above or below the supply voltages provided the current is limited to 1 mA.
Note 5: The application of DV voltages higher than required to bring the output to positive full scale may cause device damage.
* NOTICE: Stresses greater than those listed above may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at or above these conditions is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
D.C. CHARACTERISTICS: V
DD=VR=5.0 VDC, TC= -55 to +125
EC.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
V
T-
Negative Going Threshold Voltage (CLK)
0.9
1.7
V
V
T+
Positive Going Threshold Voltage (CLK)
3.0
3.7
V
V
H
Hysteresis Voltage (CLK)
0.5
1.3
V
V
OL
Output Low Voltage (CNT, DIR, CLK/2)
0.4
V
I
OL = 2.0 mA
V
OH
Output High Voltage (CNT, DIR, CLK/2)
V
DD - 0.4
V
I
OH = 2.0 mA
I
I
Input Leakage Current (CLK)
10
µ
A
V
I = 0 to VDD
C
IO
Pin Capacitance
10
pF
1 MHz, T
A = 25EC
I
DD+IVR
Operating Current
2
3
mA
F
CLK = 250kHz
A.C. CHARACTERISTICS: V
DD=VR=5.0 VDC, TC= -55 to +125
EC, Load Capacitance=50pF.
PARAMETER
MIN
TYP
MAX
UNITS
CLK input frequency
100
250
1000
kHz
CLK input rise/fall time
50
ns
CLK duty cycle
45
50
55
%
CLK fall to DIR fall
40
85
195
ns
CLK fall to DIR rise
40
90
205
ns
CLK rise to valid CNT out
40
90
230
ns
CLK fall to CNT fall
40
85
205
ns
CLK fall to CLK/2 rise/fall
40
90
210
ns


Similar Part No. - 1010J-010

ManufacturerPart #DatasheetDescription
logo
THOR communications
1010 THOR-1010 Datasheet
73Kb / 1P
   Dead Blow Nylon Hammers
logo
JDS Uniphase Corporatio...
1010-00-0340 JDSU-1010-00-0340 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0340 JDSU-1010-00-0340 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
1010-00-0470 JDSU-1010-00-0470 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0471 JDSU-1010-00-0471 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
More results

Similar Description - 1010J-010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com