Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1010J-005 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 1010J-005
Description  DIGITAL ACCELEROMETER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1010J-005 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  1010J-005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1010J-005 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1010J-005 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1010J-005 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1010J-005 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1010J-005 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1010J-005 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1010J-005 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1010J-005 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc. ! 1445 NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 8]
Mar 07
SINGLE POLE RC FILTER
TWO POLE ACTIVE FILTER
APPLICATION NOTE
Model 1010 Digital Accelerometer
CONVERTING
DIR TO AN ANALOG VOLTAGE
It is best to use a model 1210 or 1221 for analog applications but if a proportional
analog voltage is desired from a model 1010, one can be easily generated by the
connection of a low-pass filter to the DIR output as shown in the schematic
(below).
The table (at right) lists values for R
1 and C2 for various cutoff
frequencies (-3 dB frequency). R
1 is chosen to be at least 100 times the
maximum output impedance of DIR which is 200 . The circuit or instrument that
the 0 to +5V analog output is connected to, must have an input impedance at
least 100 times the value of R
1.
This simple passive RC filter can be used as
long as it provides sufficient rejection of the switching noise present on the DIR
output for the specific application.
CUTOFF
FREQUENCY
(Hz)
R1
(k )
C2
(µF)
200
36.0
.022
800
35.7
.0056
1000
34.0
.0047
1600
30.1
.0033
2000
36.0
.0022
If greater rejection of switching noise is needed, a two pole active filter can be used as shown in the schematic (below).
This circuit has the added advantage of providing a very low output impedance compared with the single pole circuit. Its
disadvantages include greater complexity and the need for 1 or 2 additional supply voltages for the op-amp. For both filter
types, tight tolerance, temperature stable resistors and capacitors should be used. To reject common mode noise over
long signal transmission line lengths, DIR and its complement can be used to drive a pair of wires with a differential filter
placed at the far end of the wires.
Cutoff Frequency
(Hz)
R1 & R2
(k )
R3
(k )
R4 & R5
(k )
C6
(µF)
C7
(µF)
200
21.5
36.0
93.1
.012
.068
800
19.1
43.0
105
.0027
.018
1000
18.2
42.2
102
.0022
.015
1600
17.4
38.3
93.1
.0015
.010
2000
21.5
36.0
93.1
.0012 .0068


Similar Part No. - 1010J-005

ManufacturerPart #DatasheetDescription
logo
THOR communications
1010 THOR-1010 Datasheet
73Kb / 1P
   Dead Blow Nylon Hammers
logo
JDS Uniphase Corporatio...
1010-00-0340 JDSU-1010-00-0340 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0340 JDSU-1010-00-0340 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
1010-00-0470 JDSU-1010-00-0470 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0471 JDSU-1010-00-0471 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
More results

Similar Description - 1010J-005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com