Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08055F106J4T2A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08055F106J4T2A
Description  Automotive MLCC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055F106J4T2A Datasheet(HTML) 3 Page - AVX Corporation

  08055F106J4T2A Datasheet HTML 1Page - AVX Corporation 08055F106J4T2A Datasheet HTML 2Page - AVX Corporation 08055F106J4T2A Datasheet HTML 3Page - AVX Corporation 08055F106J4T2A Datasheet HTML 4Page - AVX Corporation 08055F106J4T2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
37
Automotive MLCC - NP0
Capacitance Range
0402
0603
0805
1206
1210
1812
25V
50V
25V
50V
100V
25V
50V
100V
25V
50V
100V
200V
500V
25V
50V
100V
200V
50V
100V
100
10pF
C
C
G
G
G
J
J
J
J
J
J
J
J
120
12
C
C
G
G
G
J
J
J
J
J
J
J
J
150
15
C
C
G
G
G
J
J
J
J
J
J
J
J
180
18
C
C
G
G
G
J
J
J
J
J
J
220
22
C
C
G
G
G
J
J
J
J
J
J
270
27
C
C
G
G
G
J
J
J
J
J
J
330
33
C
C
G
G
G
J
J
J
J
J
J
390
39
C
C
G
G
G
J
J
J
J
J
J
470
47
C
C
G
G
G
J
J
J
J
J
J
510
51
C
C
G
G
G
J
J
J
J
J
J
560
56
C
C
G
G
G
J
J
J
J
J
J
680
68
C
C
G
G
G
J
J
J
J
J
J
820
82
C
C
G
G
G
J
J
J
J
J
J
101
100
C
C
G
G
G
J
J
J
J
J
J
121
120
G
G
G
J
J
J
J
J
J
151
150
G
G
G
J
J
J
J
J
J
181
180
G
G
G
J
J
J
J
J
J
221
220
G
G
G
J
J
J
J
J
J
271
270
G
G
G
J
J
J
J
J
J
331
330
G
G
G
J
J
J
J
J
J
391
390
G
G
J
J
J
J
J
J
471
470
G
G
J
J
J
J
J
J
561
560
J
J
J
J
J
J
681
680
J
J
J
J
J
J
821
820
J
J
J
J
J
J
102
1000
J
J
J
J
J
J
J
J
J
J
122
1200
JJ
J
J
J
M
M
152
1500
JM
M
J
JM
M
182
1800
JM
M
J
JM
M
222
2200
JM
M
J
JM
M
272
2700
JM
Q
J
JM
332
3300
JM
Q
J
J
P
K
K
392
3900
JJ
P
K
K
472
4700
JJ
P
K
K
103
10nF
25V
50V
25V
50V
100V
25V
50V
100V
25V
50V
100V
200V
500V
25V
50V
100V
200V
50V
100V
0402
0603
0805
1206
1210
1812
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED


Similar Part No. - 08055F106J4T2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08055F106J4T2A AVX-08055F106J4T2A Datasheet
386Kb / 5P
   General Specifications
More results

Similar Description - 08055F106J4T2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
06035C333K4T2A AVX-06035C333K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
080555A104K4T2A AVX-080555A104K4T2A Datasheet
105Kb / 5P
   Automotive MLCC
06035A471J4T2A AVX-06035A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055A471J4T2A AVX-08055A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
06031C471K4T2A AVX-06031C471K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055C332K4T2A AVX-08055C332K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com