Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1010J-002 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1010J-002
Description  DIGITAL ACCELEROMETER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1010J-002 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1010J-002 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1010J-002 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1010J-002 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1010J-002 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1010J-002 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1010J-002 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1010J-002 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1010J-002 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1010J-002 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc. ! 1445 NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 4]
Mar 07
Where:
)
1 g
full scale acceleration in g' s
sample rate in Hertz
accelerometer clock rate in Hertz
pulse rate in pulses / sec
acceleration in gravity units
9.8085 m / s
2
or 32.180 ft / s
2
g
f
f
f
g
SPAN
SR
CLK
CNT
FORCE
=
=
=
=
=
=
2 * (
CNT
CNT
Quantization (g' s)
=
=
+
=
g
f
f
f
f
g
g
g
g
f
f
SPAN
SR
CLK
CNT
CLK
FORCE
SPAN
FORCE
SPAN
CNT
CLK
1
2
1
2
∆ f
k V
V
DV
DD
1
3
2
Model 1010 Digital Accelerometer
USING THE COUNT
(CNT) OUTPUT: Pulses from the CNT output are meant to be accumulated in a hardware counter. Each
pulse accumulation or sample, reflects the average acceleration (change in velocity) over that interval. The sample period or
“gate time” over which these pulses are accumulated determines both the bandwidth and quantization of the measurement.
The first equation above shows that as the
sample rate is reduced (i.e. a longer
sample period), the quantization becomes
finer
but
bandwidth
is
reduced.
Conversely,
as
the
sample
rate
is
increased, quantization becomes coarser
but the bandwidth of the measurement is
increased. The second and third equations
show how the
CNT
pulse frequency
equates to the applied g-force.
When
using a frequency counter to monitor the
CNT
output pulse rate, a counter with a DC
coupled input must be used.
The CNT
output is a return-to-zero signal whose duty
cycle varies from zero to fifty percent, from
minus full scale to positive full scale
acceleration. A frequency counter with an
AC coupled input will provide an erroneous
reading
as
the
duty
cycle
varies
appreciably from fifty percent. The figure to
the left illustrates how the CNT and DIR
outputs vary as the accelerometer is
subjected to accelerations from minus full
scale (-FS) to plus full scale (+FS).
DEFLECTION VOLTAGE
(DV) TEST INPUT: This test input applies an electrostatic
force to the sense element, simulating a positive acceleration. It has a nominal input
impedance of 32 k
and a nominal open circuit voltage of aV
DD. For best accuracy during
normal operation, this input should be left unconnected or connected to a voltage source
equal to a of the V
DD supply.
The change in output pulse rate (∆f) is proportional to the
square of the difference between the voltage applied to the DV input (V
DV) and
aV
DD. Only
positive shifts in the output pulse rate may be generated by applying voltage to the DV
input. When voltage is applied to the DV input, it should be applied gradually. The
application of DV voltages greater than required to bring the output to positive full scale
may cause device damage. The proportionality constant (k) varies for each device and is
not characterized.
ESD and LATCH-UP CONSIDERATIONS: The model 1010 accelerometer is a CMOS device subject to damage from large
electrostatic discharges. Diode protection is provided on the inputs and outputs but care should be exercised during handling
to assure that the device is placed only on a grounded conductive surface. Individuals and tools should be grounded before
coming in contact with the device. Do not insert the model 1010 into (or remove it from) a powered socket.


Similar Part No. - 1010J-002

ManufacturerPart #DatasheetDescription
logo
THOR communications
1010 THOR-1010 Datasheet
73Kb / 1P
   Dead Blow Nylon Hammers
logo
JDS Uniphase Corporatio...
1010-00-0340 JDSU-1010-00-0340 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0340 JDSU-1010-00-0340 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
1010-00-0470 JDSU-1010-00-0470 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0471 JDSU-1010-00-0471 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
More results

Similar Description - 1010J-002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com