Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2240-CAB-50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2240-CAB-50
Description  ANALOG ACCELEROMETER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2240-CAB-50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2240-CAB-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2240-CAB-50 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2240-CAB-50 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc.
! 1445-NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 2]
Feb 08
1.00 [25.4]
1.00 [25.4]
0.50 [12.7]
0.33 [8.4]
Positive
Acceleration
INCH [mm]
0.15 [3.8]
(ACTUAL SIZE)
= Location of Sense Element
SILICON
0.24 [6.1]
1/4-28, 4-PIN
CONNECTOR
GND
AOP
Vs
AON
DESIGNS
2240-XXX
0.127
[3.23] DIA
0.44 [11.2]
0.825 [20.95]
0.22 [5.6]
S/N XXXX
Model 2240 Analog Accelerometer Module
SIGNAL DESCRIPTIONS
Vs and GND (Power): Red and Black wires respectively for the
2240-CAB cable (ordered separately). Power (+9 to +32 Volts
DC) and ground.
AOP and AON (Output): Green and White wires respectively for
the 2240-CAB cable (sold separately). Analog output voltages
proportional to acceleration; AOP voltage increases (AON
decreases) with positive acceleration. At zero acceleration both
outputs are nominally equal to 2.5 volts. The device experiences
positive (+1g) acceleration with its lid facing up in the Earth’s
gravitational field. Either output can be used individually or the
outputs can be used differentially. (See response plot below).
PERFORMANCE
- By Model: V
S=+9 to +32VDC, TC=25
EC
MODEL NUMBER
2240-002 2240-005 2240-010 2240-025 2240-050 2240-100 2240-200
UNITS
Input Range
±2
±5
±10
±25
±50
±100
±200
g
Frequency Response (Nominal, 3 dB)
1
0 - 400
0 - 600
0 - 1000 0 - 1500
0 - 2000 0 - 2500
0 - 3000
Hz
Sensitivity, Differential
2
2000
800
400
160
80
40
20
mV/g
Output Noise, Differential (RMS, typical)
8
9
10
25
50
100
200
µ
g/(root Hz)
Max. Mechanical Shock (0.1 ms)
2000
g
Note 1: 250Hz ±100Hz, -3dB bandwidth, optionally available
.
Note 2: Single ended sensitivity is half of values shown
.
PERFORMANCE
- All Models: Unless otherwise specified, Vs=+9 to +32VDC, T
C=25
EC, Differential Mode.
PARAMETER
MIN
TYP
MAX
UNITS
Cross Axis Sensitivity
1
2
%
Bias Calibration Error
-002
4.0
% of span
-005 thru -200
1.5
Bias Temperature Shift
(T
C= -40 to +80EC)
-002
100
200
(ppm of span)/
EC
-005 thru -200
50
100
Scale Factor Calibration Error
3
1
2
%
Scale Factor Temperature Shift
(T
C= -40 to +80EC)
-002 thru -010
-250
+150
ppm/
EC
-025 thru -200
-150
Non-Linearity
(-90 to +90% of Full Scale)
3, 4
-002 thru -050
0.15
0.5
% of span
-100
0.25
1.0
-200
0.40
1.5
Power Supply Rejection Ratio
50
>65
dB
Output Impedance
1
Output Common Mode Voltage
2.45
VDC
Operating Voltage
9
32
VDC
Operating Current (AOP & AON open)
12
14
mA DC
Mass (not including cable)
10
grams
Cable Mass
25
grams/meter
Note 3: 100g versions and above are tested from -65g to +65g.
Note 4: Tighter tolerances are available on special order.


Similar Part No. - 2240-CAB-50

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2240-2 3M-2240-2 Datasheet
31Kb / 1P
   Alligator Clip To Banana Jack With Flex Boot
More results

Similar Description - 2240-CAB-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2264-005 ETC2-2264-005 Datasheet
746Kb / 2P
   ANALOG ACCELEROMETER MODULE
2260-002 ETC2-2260-002 Datasheet
646Kb / 3P
   ANALOG ACCELEROMETER MODULE
2012-002 ETC2-2012-002 Datasheet
717Kb / 3P
   ANALOG ACCELEROMETER MODULE
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2422-002 ETC2-2422-002 Datasheet
549Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
1210L-005 ETC2-1210L-005 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
   Triaxial Analog Accelerometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com