Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1010L-025 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 1010L-025
Description  DIGITAL ACCELEROMETER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1010L-025 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  1010L-025 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1010L-025 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1010L-025 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1010L-025 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1010L-025 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1010L-025 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1010L-025 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1010L-025 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1010L-025 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc. ! 1445 NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 6]
Mar 07
Model 1010 Digital Accelerometer
SOLDERING RECOMMENDATIONS (continued):
Reflow of Sn62 or Sn63 type solder using a hotplate is the preferred method for assembling the model 1010 surface mount
accelerometer to your Printed circuit board. Hand soldering using a fine tipped soldering iron is possible but difficult without
a steady hand and some form of visual magnification due to the small size of the connections. When using the hand solder
iron method, it’s best to purchase the J-Leaded version (1010J) for easier visual inspection of the finished solder joints.
Pre-Tinning of Accelerometer Leads is Recommended: To prevent gold migration embrittlement of the solder joints,
it is best to pre-tin the accelerometer leads. We recommend tinning one lead at a time, to prevent excessive heating of
the accelerometer, using a fine-tipped solder iron and solder wire.
The solder bath method of pre-tinning is not
recommended due to the high degree of heat the interior of the device gets subjected to which may cause permanent shifts
in the bias and/or scale factor.
Hotplate Attach Method using Solder Paste or Solder Wire: Apply solder to the circuit board’s pads using Sn62 or Sn63
solder paste or pre-tin the pads using solder and a fine tipped soldering iron. If pre-tinning with an iron, apply flux to the
tinned pads prior to placing the components. Place the accelerometer in its proper position onto the pasted or tinned pads
then place the entire assembly onto a hotplate that has been pre-heated to 250
EC. Leave on hotplate only long enough
for the solder to flow on all pads (DO NOT OVERHEAT!)
Solder Iron Attach Method using Solder Paste: Apply solder paste to the circuit board’s pads where the accelerometer
will be attached. Place the accelerometer in its proper position onto the pasted pads. Press gently on the top of the
accelerometer with an appropriate tool to keep it from moving and heat one of the corner pads, then an opposite corner
pad with the soldering iron. Make sure the accelerometer is positioned so all 20 of its connections are centered on the
board’s pads. Once the two opposite corner pads are soldered, the part is secure to the board and you can work your way
around soldering the remaining 18 connections. Allow the accelerometer to cool in between soldering each pin to prevent
overheating.
Solder Iron Attach Method using Solder Wire: Solder pre-tin two opposite corner pads on the circuit board where the
accelerometer will be attached. Place the accelerometer in its proper position onto the board. Press gently on the top of
the accelerometer and heat one of the corner pads that was tinned and the part will drop down through the solder and seat
on the board. Do the same at the opposite corner pad that was tinned. Make sure the accelerometer is positioned so all
20 of its connections are centered on the board’s pads. Once the two opposite corner pads are soldered, the part is secure
to the board and you can work your way around soldering the remaining 18 connections. Allow the accelerometer to cool
in between soldering each pin to prevent overheating.
LCC & JLCC Solder Contact Plating Information: The plating composition and thickness for the solder pads and
castellations on the “L” suffix (LCC) package are 60 to 225 micro-inches thick of gold (Au) over 80 to 350 micro-inches thick
of nickel (Ni) over a minimum of 5 micro-inches thick of moly-manganese or tungsten refractory material. The leads for
the “J” suffix (JLCC) package are made of an Iron-Nickel sealing alloy and have the same gold over nickel plating
thicknesses as for the LCC pads.
Recommended Solder Pad Pattern: The recommended solder pad size and shape for both the LCC and J-LCC
packages is shown in the diagram and table below. These dimensions are recommendations only and may or may not
be optimum for your particular soldering process.
DIM
inch
mm
A
.230
5.84
B
.430
10.92
C
.100
2.54
D
.033
0.84
E
.050
1.27
F
.013
0.33
G
.120
3.05


Similar Part No. - 1010L-025

ManufacturerPart #DatasheetDescription
logo
THOR communications
1010 THOR-1010 Datasheet
73Kb / 1P
   Dead Blow Nylon Hammers
logo
JDS Uniphase Corporatio...
1010-00-0340 JDSU-1010-00-0340 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0340 JDSU-1010-00-0340 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
1010-00-0470 JDSU-1010-00-0470 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0471 JDSU-1010-00-0471 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
More results

Similar Description - 1010L-025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com