Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2260-200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2260-200
Description  ANALOG ACCELEROMETER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2260-200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2260-200 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2260-200 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2260-200 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Designs, Inc.
! 1445-NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 1]
Apr 07
ORDERING INFORMATION
Full Scale
Acceleration
Model
Number
± 2 g
2260-002
± 5 g
2260-005
± 10 g
2260-010
± 25 g
2260-025
± 50 g
2260-050
±100 g
2260-100
±200 g
2260-200
SILICON DESIGNS, INC
P-Cap
TM Model 2260
ANALOG ACCELEROMETER MODULE
!
!
!
! Accurate, Easy-to-Use Alternative to
Piezoresistive Accelerometers
!
!
!
! Capacitive Micromachined
!
!
!
! Nitrogen Damped
!
!
!
! ±4V Differential Output or
0.5V to 4.5V Single Ended Output
!
!
!
! Fully Calibrated
!
!
!
! Low Power Consumption
!
!
!
! -55 to +85EEEEC Operation
!
!
!
! +8 to +32V DC Power
!
!
!
! Simple Four Wire Connection
!
!
!
! Low Impedance Outputs Will Drive
Up To 15 Meters of Cable
!
!
!
! Responds to DC and AC Acceleration
!
!
!
! Non Standard g Ranges Available
!
!
!
! Rugged Anodized Aluminum Module
!
!
!
! Low Noise
!
!
!
! Serialized for Traceability
DESCRIPTION
The P-Cap
TM model 2260 accelerometer module combines an integrated model 1221L accelerometer with high drive,
low impedance buffering for measuring acceleration in commercial/industrial environments. It is tailored for zero to
medium frequency instrumentation applications. The anodized aluminum case is epoxy sealed and is easily mounted
via two #4 (or M3) screws. On-board regulation is provided to minimize the effects of supply voltage variation. It is
relatively insensitive to temperature changes and thermal gradients. The cable’s shield is electrically connected to
the case while the ground (GND) wire is isolated from the case. An optional initial calibration sheet (2260-CAL) and
periodic calibration checking are also available.
OPERATION
The P-Cap
TM Model 2260 accelerometer module produces two analog voltage outputs which vary with acceleration
as shown in the graph on the next page. The sensitive axis is perpendicular to the bottom of the package, with
positive acceleration defined as a force pushing on the bottom of the package. The signal outputs are fully differential
about a common mode voltage of approximately 2.5 volts. The output scale factor is independent from the supply
voltage of +8 to +32 volts. At zero acceleration the output differential voltage is nominally 0 volts DC; at ±full scale
acceleration the output differential voltage is ±4 volts DC respectively.
APPLICATIONS
! FLIGHT TESTS
! VIBRATION MONITORING
! VIBRATION ANALYSIS
! MACHINE CONTROL
! MODAL ANALYSIS
! ROBOTICS
! CRASH TESTING
! INSTRUMENTATION
P-Cap is a trademark of Silicon Designs, Inc.


Similar Part No. - 2260-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2260-2 ETC2-2260-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
2260-2 ETC2-2260-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
2260-2 ETC2-2260-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 2260-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2264-005 ETC2-2264-005 Datasheet
746Kb / 2P
   ANALOG ACCELEROMETER MODULE
2012-002 ETC2-2012-002 Datasheet
717Kb / 3P
   ANALOG ACCELEROMETER MODULE
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2422-002 ETC2-2422-002 Datasheet
549Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
1210L-005 ETC2-1210L-005 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
   Triaxial Analog Accelerometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com