Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2430-050 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2430-050
Description  TRIAXIAL ANALOG ACCELEROMETER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2430-050 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2430-050 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2430-050 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2430-050 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Designs, Inc.
! 1445-NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 2]
Jan 08
Model 2430 Triaxial Analog Accelerometer Module
SIGNAL DESCRIPTIONS
+VS (Power): Reddish brown wire. Apply +11 to +16 Volts
DC with respect to OUTPUT REF.
-VS (Power): Black wire. Apply -11 to -16 Volts DC with
respect to OUTPUT REF.
OUTPUT REF (Input): White wire. The X, Y & Z outputs
are referenced to this potential. This input is usually
tied to a potential halfway between the +VS and -VS
voltages. This input may also be used to offset the
output but the voltage difference between this input
and either supply voltage (+VS or
-VS) must be greater
than or equal to 7V.
X, Y & Z (Outputs): Green, Light Brown & Light Blue wires
respectively. These output voltages are proportional
to
acceleration;
they
increase
with
positive
acceleration and decrease with negative acceleration.
At zero acceleration the output is nominally equal to
zero volts with respect to OUTPUT REF.
PERFORMANCE - By Model: V
S=±12 to ±16VDC, TC=25
EC.
MODEL NUMBER
2430-002
2430-005
2430-010
2430-025
2430-050
2430-100
2430-200
UNITS
Input Range
±2
±5
±10
±25
±50
±100
±200
g
Frequency Response (Nominal, 3 dB) 0 - 300
0 - 400
0 - 600 0 - 1000 0 - 1500 0 - 2000 0 - 2500
Hz
Sensitivity
2500
1000
500
200
100
50
25
mV/g
Output Noise (RMS, typical)
15
38
76
190
380
760
1520
µ
g/(root Hz)
Max. Mechanical Shock (0.1 ms)
2000
g
PERFORMANCE - All Models: Unless otherwise specified V
S=±12 to ±16VDC, TC=25
EC.
PARAMETER
MIN
TYP
MAX
UNITS
Cross Axis Sensitivity
2
3
%
Bias Calibration Error
-002
2
4
% of span
-005 thru -200
3
Bias Temperature Shift
(T
C= -40 to +85EC)
-002 & -005
100
300
(ppm of span)/
EC
-010 thru -200
50
200
Scale Factor Calibration Error
1
2
3
%
Scale Factor Temperature Shift (T
C= -40 to +85EC)
+300
ppm/
EC
Non-Linearity
(-90 to +90% of Full Scale)
1
-002 thru -100
0.5
1.0
% of span
-200
0.7
1.5
Power Supply Rejection Ratio
50
>65
dB
Output Impedance
1
Ohm
Operating Voltage (V
S)
±11
2
±16
V
Operating Current (X, Y & Z outputs open)
3
30
40
mA
Mass (not including cable)
30
grams
Cable Mass
15
grams/meter
Notes: 1. 100g versions and above are tested from -65g to +65g.
2. Operation with V
S below ±12V may result in some performance degradation.
3. Power source must be capable of providing 3 times the operating current at turn-on.


Similar Part No. - 2430-050

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
2430-05 FRONTIER-2430-05 Datasheet
31Kb / 1P
   Insert Molded Coil
More results

Similar Description - 2430-050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2422-002 ETC2-2422-002 Datasheet
549Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
   Triaxial Analog Accelerometer
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2412-005 ETC2-2412-005 Datasheet
156Kb / 2P
   ANALOG OPEN FRAME TRIAXIAL ACCELEROMETER
logo
TE Connectivity Ltd
834M1 TEC-834M1 Datasheet
165Kb / 3P
   Triaxial Piezoelectric Accelerometer
832M1 TEC-832M1 Datasheet
168Kb / 3P
   Triaxial Piezoelectric Accelerometer
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com