Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPS-69IB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFPS-69IB
Description  Tri-state CMOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPS-69IB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFPS-69IB Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPS-69IB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Specification - maximum limiting values when measured in test circuit
Outline in mm - Tape
2.0
8.0
1.4
4.0
∅1.5
3.7
∅1.5
0.3
Outline in mm - Reel
2.0
120° (3 equal)
∅21.0
13.5
2.0
Frequency Range Frequency Stabilities
Supply Voltage
Supply Current
Rise Time (tr)
Fall Time (tf)
Duty Cycle
Model Number
1.8 to <32.0MHz
±25ppm*, ±50ppm,
±100ppm
2.5V ±5%
1.5mA
12ns
12ns
45/55%
CFPS-67
CFPS-67I
32.0 to 50.0MHz
2.5mA
1.8 to <32.0MHz
2.8V ±5%
2.0mA
CFPS-68
CFPS-68I
32.0 to 50.0MHz
3.0mA
1.8 to <32.0MHz
3.3V ±5%
2.5mA
CFPS-69
CFPS-69I
32.0 to 50.0MHz
3.5mA
Ordering Example
24.0MHz
CFPS-69 I
C
Frequency
Model No.
Operating Temperature Code: I = -40 to 85°C, Not applicable for -10 to 70°C
Frequency Stability: A = ±25ppm, B = ±50ppm, C = ±100ppm
*Note - Code IA, ±25ppm over -40 to 85°C is not available
Please note that the rise and fall times listed are the maximum values we specify to cover various frequency breaks.
In practise the actual values are generally lower depending upon the spot frequency chosen. For typical values please
contact our sales office.
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990


Similar Part No. - CFPS-69IB

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-69 IQD-CFPS-69 Datasheet
383Kb / 2P
   Crystal Clock Oscillator Specification
More results

Similar Description - CFPS-69IB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM7700H ETC1-SM7700H Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1100C ETC1-SM1100C Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
STMicroelectronics
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
   CMOS quad tri-state differential line receiver
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
   CMOS Quad TRI-STATE Differential Line Driver
logo
National Semiconductor ...
DS26C31T NSC-DS26C31T Datasheet
393Kb / 12P
   CMOS Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31_06 Datasheet
180Kb / 15P
   CMOS quad tri-state differential line driver
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T_02 Datasheet
246Kb / 8P
   CMOS Qual TRI-STATE Differential Line Driver
logo
Texas Instruments
DS26C31MQML TI1-DS26C31MQML Datasheet
438Kb / 16P
[Old version datasheet]   DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com