Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6345-X006 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFH6345-X006
Description  High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6345-X006 Datasheet(HTML) 7 Page - Vishay Siliconix

  SFH6345-X006 Datasheet HTML 1Page - Vishay Siliconix SFH6345-X006 Datasheet HTML 2Page - Vishay Siliconix SFH6345-X006 Datasheet HTML 3Page - Vishay Siliconix SFH6345-X006 Datasheet HTML 4Page - Vishay Siliconix SFH6345-X006 Datasheet HTML 5Page - Vishay Siliconix SFH6345-X006 Datasheet HTML 6Page - Vishay Siliconix SFH6345-X006 Datasheet HTML 7Page - Vishay Siliconix SFH6345-X006 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 83680
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 18-Feb-08
7
SFH6345
High Speed Optocoupler, 1 Mbd,
15 kV/µs CMR,
Transistor Output
Vishay Semiconductors
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with
respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone
depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use
within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in
the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively.
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency
(EPA) in the USA.
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do
not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each customer application by the
customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall
indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any
claim of personal damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany


Similar Part No. - SFH6345-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
210Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
Rev. 2.2, 03-Aug-15
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
214Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
01-Jan-2022
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
210Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
Rev. 2.2, 03-Aug-15
More results

Similar Description - SFH6345-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
SFH636 VISHAY-SFH636 Datasheet
136Kb / 8P
   Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output
Rev. 1.6, 11-Jan-08
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
SFH6326-X007T VISHAY-SFH6326-X007T Datasheet
174Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.7, 06-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com