Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6345 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH6345
Description  High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6345 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH6345_08 Datasheet HTML 1Page - Vishay Siliconix SFH6345_08 Datasheet HTML 2Page - Vishay Siliconix SFH6345_08 Datasheet HTML 3Page - Vishay Siliconix SFH6345_08 Datasheet HTML 4Page - Vishay Siliconix SFH6345_08 Datasheet HTML 5Page - Vishay Siliconix SFH6345_08 Datasheet HTML 6Page - Vishay Siliconix SFH6345_08 Datasheet HTML 7Page - Vishay Siliconix SFH6345_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 83680
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 18-Feb-08
5
SFH6345
High Speed Optocoupler, 1 Mbd,
15 kV/µs CMR,
Transistor Output
Vishay Semiconductors
Fig. 7 - Output Current vs. Temperature
Fig. 8 - Propagation Delay vs. Ambient Temperature
Fig. 9 - Logic High Output Current vs. Temperature
Fig. 10 - Small Signal Current Transfer Ratio vs.
Input Current
isfh6345_07
8
7
6
5
4
3
2
1
0
- 60
- 40
- 20
0
20
40
60
80100
Temperature, TA (°C)
at VO = 0.4 V, VCC = 5.0
IF = 1 mA
IF = 20 mA
IF = 16 mA
IF = 10 mA
IF = 2 mA
isfh6345_08
900
800
700
600
500
400
300
200
100
0
- 60
- 40
- 20
0
20
40
60
80
100
Temperature, TA (°C)
TpHL at 3 V
TpHL at 1.5 V
TpLH at 1.5 V
TpLH at 3 V
at VCC = 5.0 V
IF =18 mA, RL = 1.9 kΩ
isfh6345_09
Temperature, TA (°C)
100
10
1
0.1
0.01
0.001
-60
-40
-20
100
0
20
40
60
80
VCC = VO =15 V
VCC = VO =5 V
isfh6345_10
0.6
0.5
0.4
0.3
0.2
0.1
0
10
15
20
25
IF (mA)
5
0
(VCC = 5.0 V,RL = 100 Ω)


Similar Part No. - SFH6345_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
210Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
Rev. 2.2, 03-Aug-15
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
214Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
01-Jan-2022
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
210Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
Rev. 2.2, 03-Aug-15
More results

Similar Description - SFH6345_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
SFH636 VISHAY-SFH636 Datasheet
136Kb / 8P
   Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output
Rev. 1.6, 11-Jan-08
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
SFH6326-X007T VISHAY-SFH6326-X007T Datasheet
174Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.7, 06-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com