Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM721FV32CW55L Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM721FV32CW55L
Description  128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM721FV32CW55L Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM721FV32CW55L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM721FV32CW55L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM721FV32CW55L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM721FV32CW55L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM721FV32CW55L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM721FV32CW55L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM721FV32CW55L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM721FV32CW55L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM721FV32CW55L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM610FV8 Series
Low Power, 128Kx8 SRAM
2
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
1
2
3
4
5
6
A
A0
A1
CS2
A3
A6
A8
B
I/O
5
A
2
WE
A
4
A
7
I/O
1
C
I/O6
DNU
A5
I/O2
D
VSS
VCC
E
VCC
VSS
F
I/O
7
DNU
DNU
I/O
3
G
I/O
8
OE
CS
1
A
16
A
15
I/O
4
H
A9
A10
A11
A12
A13
A14
FEATURES
• Process Technology : 0.18
µm Full CMOS
• Organization :128K x 8 bit
• Power Supply Voltage : 2.7V ~ 3.6V
• Low Data Retention Voltage : 1.5V(Min)
• Three state output and TTL Compatible
• Package Type : 36-FPBGA 6.0x7.0
GENERAL DESCRIPTION
The EM610FV8 families are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale
Package for user flexibility of system design. The fami-
lies also supports low data retention voltage for battery
back-up operation with low data retention current.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc
Range
Speed
Power Dissipation
PKG
Type
Standby
(ISB1, Typ)
Operating
(ICC1.Max)
EM610FV8
Industrial (-40 ~ 85
o C)
2.7V~3.6V
55
1) / 70ns
0.5
µA2)
3 mA
36FPBGA
Name
Function
Name
Function
CS1,CS2 Chip select inputs
WE
Write Enable input
OE
Output Enable input
Vcc
Power Supply
A0~A16
Address Inputs
Vss
Ground
I/O1~I/O 8 Data Inputs/outputs
DNU
Do Not Use
FUNCTIONAL BLOCK DIAGRAM
1. The parameter is measured with 30pF test load.
PIN DESCRIPTION
36-FPBGA : Top view (ball down)
I/O Circuit
Column Select
Data
Cont
Pre-charge Circuit
Memory Array
1024 x 1024
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A10 A11 A12 A13 A14 A15
WE
OE
CS1
CS2
I/O1 ~ I/O8
VCC
VSS
Control Logic
A16
2. Typical values are measured at Vcc=3.3V, T A=25
oC and not 100% tested.


Similar Part No. - EM721FV32CW55L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM721FV16BW-12L EMLSI-EM721FV16BW-12L Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM721FV16BW-12S EMLSI-EM721FV16BW-12S Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM721FV16BW-85L EMLSI-EM721FV16BW-85L Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM721FV16BW-85S EMLSI-EM721FV16BW-85S Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM721FV16CW-12L EMLSI-EM721FV16CW-12L Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM721FV32CW55L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com