Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6640FV32CW55L Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM6640FV32CW55L
Description  128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6640FV32CW55L Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM6640FV32CW55L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM6640FV32CW55L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM6640FV32CW55L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6640FV32CW55L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6640FV32CW55L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6640FV32CW55L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6640FV32CW55L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6640FV32CW55L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6640FV32CW55L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EM610FV8 Series
Low Power, 128Kx8 SRAM
4
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
DC AND OPERATING CHARACTERISTICS
NOTES
1. Typical values are measured at Vcc=3.3V, T
A=25
oC and not 100% tested.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
V IN=V SS to VCC
-1
-
1
µA
Output leakage current
ILO
CS1=VIH, CS2=VIL or OE=V IH or WE=VIL, VIO=VSS to VCC
-1
-
1
µA
Operating power supply
ICC
I IO=0mA, CS 1=V IL, CS 2=WE =VIH, VIN=VIH or VIL
-
-
3
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, I
IO=0mA,
CS1< 0.2V, CS2>VCC -0.2V,
V IN<0.2V or VIN>VCC-0.2V
-
-
3
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS1=V IL, CS2=V IH, VIN=V IL or VIH
55ns
-
-
25
mA
70ns
-
-
20
Output low voltage
VOL
I OL = 2.1mA
-
-
0.4
V
Output high voltage
VOH
I OH = -1.0mA
2.4
-
-
V
Standby Current (TTL)
ISB
CS1=VIH, CS2=VIL, Other inputs=V IH or VIL
-
-
0.3
mA
Standby Current (CMOS)
ISB1
CS1>VCC-0.2V, CS 2>V CC-0.2V (CS 1 controlled)
or 0V<CS2<0.2V (CS2 controlled),
Other inputs=0~VCC
(Typ. condition : V CC=3.3V @ 25
oC)
(Max. condition : VCC=3.6V @ 85
oC)
LL
LF
-
0.5
1)
5
µA
RECOMMENDED DC OPERATING CONDITIONS 1)
1. TA= -40 to 85oC, otherwise specified
2. Overshoot: VCC +2.0 V in case of pulse width < 20ns
3. Undershoot: -2.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested
.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
2.7
3.3
3.6
V
Ground
VSS
0
0
0
V
Input high voltage
VIH
2.2
-
VCC + 0.2
2)
V
Input low voltage
V
IL
-0.23)
-
0.6
V
CAPACITANCE1) (f =1MHz, TA=25
oC)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
C
IN
V
IN =0V
-
8
pF
Input/Ouput capacitance
C
IO
V
IO=0V
-
10
pF


Similar Part No. - EM6640FV32CW55L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6640FV32CW10LL EMLSI-EM6640FV32CW10LL Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FV32CW10S EMLSI-EM6640FV32CW10S Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FV32CW45LL EMLSI-EM6640FV32CW45LL Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FV32CW45S EMLSI-EM6640FV32CW45S Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6640FV32CW55L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com