Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF533WYBZ-4A Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-BF533WYBZ-4A
Description  Blackfin짰 Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533WYBZ-4A Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-BF533WYBZ-4A Datasheet HTML 4Page - Analog Devices ADSP-BF533WYBZ-4A Datasheet HTML 5Page - Analog Devices ADSP-BF533WYBZ-4A Datasheet HTML 6Page - Analog Devices ADSP-BF533WYBZ-4A Datasheet HTML 7Page - Analog Devices ADSP-BF533WYBZ-4A Datasheet HTML 8Page - Analog Devices ADSP-BF533WYBZ-4A Datasheet HTML 9Page - Analog Devices ADSP-BF533WYBZ-4A Datasheet HTML 10Page - Analog Devices ADSP-BF533WYBZ-4A Datasheet HTML 11Page - Analog Devices ADSP-BF533WYBZ-4A Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Note that general-purpose interrupts can be globally
enabled and disabled with the STI and CLI instructions,
respectively.
• CEC interrupt pending register (IPEND) – The IPEND
register keeps track of all nested events. A set bit in the
IPEND register indicates the event is currently active or
nested at some level. This register is updated automatically
by the controller but may be read while in supervisor mode.
The SIC allows further control of event processing by providing
three 32-bit interrupt control and status registers. Each register
contains a bit corresponding to each of the peripheral interrupt
events shown in Table 3.
• SIC interrupt mask register (SIC_IMASK) – This register
controls the masking and unmasking of each peripheral
interrupt event. When a bit is set in this register, that
peripheral event is unmasked and will be processed by the
system when asserted. A cleared bit in this register masks
the peripheral event, preventing the processor from servic­
ing the event.
• SIC interrupt status register (SIC_ISR) – As multiple
peripherals can be mapped to a single event, this register
allows the software to determine which peripheral event
source triggered the interrupt. A set bit indicates the
peripheral is asserting the interrupt, and a cleared bit indi­
cates the peripheral is not asserting the event.
• SIC interrupt wakeup enable register (SIC_IWR) – By
enabling the corresponding bit in this register, a peripheral
can be configured to wake up the processor, should the
core be idled when the event is generated. See Dynamic
Power Management on Page 11.
Because multiple interrupt sources can map to a single general-
purpose interrupt, multiple pulse assertions can occur simulta­
neously, before or during interrupt processing for an interrupt
event already detected on this interrupt input. The IPEND reg­
ister contents are monitored by the SIC as the interrupt
acknowledgement.
The appropriate ILAT register bit is set when an interrupt rising
edge is detected (detection requires two core clock cycles). The
bit is cleared when the respective IPEND register bit is set. The
IPEND bit indicates that the event has entered into the proces­
sor pipeline. At this point the CEC will recognize and queue the
next rising edge event on the corresponding event input. The
minimum latency from the rising edge transition of the general-
purpose interrupt to the IPEND output asserted is three core
clock cycles; however, the latency can be much higher, depend­
ing on the activity within and the state of the processor.
DMA CONTROLLERS
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processor has
multiple, independent DMA channels that support automated
data transfers with minimal overhead for the processor core.
DMA transfers can occur between the processor’s internal
memories and any of its DMA-capable peripherals. Addition­
ally, DMA transfers can be accomplished between any of the
DMA-capable peripherals and external devices connected to the
external memory interfaces, including the SDRAM controller
and the asynchronous memory controller. DMA-capable
peripherals include the SPORTs, SPI port, UART, and PPI. Each
individual DMA-capable peripheral has at least one dedicated
DMA channel.
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processor DMA
controller supports both 1-dimensional (1-D) and 2-dimen­
sional (2-D) DMA transfers. DMA transfer initialization can be
implemented from registers or from sets of parameters called
descriptor blocks.
The 2-D DMA capability supports arbitrary row and column
sizes up to 64K elements by 64K elements, and arbitrary row
and column step sizes up to ±32K elements. Furthermore, the
column step size can be less than the row step size, allowing
implementation of interleaved data streams. This feature is
especially useful in video applications where data can be
de-interleaved on the fly.
Examples of DMA types supported by the ADSP-BF531/
ADSP-BF532/ADSP-BF533 processor DMA controller include:
• A single, linear buffer that stops upon completion
• A circular, autorefreshing buffer that interrupts on each
full or fractionally full buffer
• 1-D or 2-D DMA using a linked list of descriptors
• 2-D DMA using an array of descriptors, specifying only the
base DMA address within a common page
In addition to the dedicated peripheral DMA channels, there are
two pairs of memory DMA channels provided for transfers
between the various memories of the ADSP-BF531/
ADSP-BF532/ADSP-BF533 processor system. This enables
transfers of blocks of data between any of the memories—
including external SDRAM, ROM, SRAM, and flash memory—
with minimal processor intervention. Memory DMA transfers
can be controlled by a very flexible descriptor-based methodol­
ogy or by a standard register-based autobuffer mechanism.
REAL-TIME CLOCK
The processor real-time clock (RTC) provides a robust set of
digital watch features, including current time, stopwatch, and
alarm. The RTC is clocked by a 32.768 kHz crystal external to
the ADSP-BF531/ADSP-BF532/ADSP-BF533 processor. The
RTC peripheral has dedicated power supply pins so that it can
remain powered up and clocked even when the rest of the pro­
cessor is in a low power state. The RTC provides several
programmable interrupt options, including interrupt per sec­
ond, minute, hour, or day clock ticks, interrupt on
programmable stopwatch countdown, or interrupt at a pro­
grammed alarm time.
The 32.768 kHz input clock frequency is divided down to a 1 Hz
signal by a prescaler. The counter function of the timer consists
of four counters: a 60 second counter, a 60 minute counter, a 24
hour counter, and a 32,768 day counter.
When enabled, the alarm function generates an interrupt when
the output of the timer matches the programmed value in the
alarm control register. There are two alarms: The first alarm is
for a time of day. The second alarm is for a day and time of
that day.
Rev. E
|
Page 8 of 60
|
July 2007


Similar Part No. - ADSP-BF533WYBZ-4A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533WBBCZ-5A AD-ADSP-BF533WBBCZ-5A Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF533WBBZ-5A AD-ADSP-BF533WBBZ-5A Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
More results

Similar Description - ADSP-BF533WYBZ-4A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF538 AD-ADSP-BF538_07 Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com