Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFP12A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FFP12A
Description  Conductive Plastic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FFP12A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FFP12A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
84
MODEL
FFP12A
(Servomount)
1.57±0.2
1.57±0.2
1.57
12.5±1
11.5±1
10±1
3
5
4
2
1
Extra tapping position
qStandard Dimensions
CW
1
2
3
qTerminal Connection Diagram
qGeneral Specifications
Standard Resistance
Values:
Total Resistance
Tolerance:
Function
Characteristics:
Conformity
Tolerance:
(Peak-Peak)
Resolution:
Output Smoothness:
Power Rating:
1k, 2k, 5k, 10k (
Ω)
Standard Class
±15% (L)
Precision Class
±10% (K)
Sine 360
° , 20dB log,
X2 (0
X
1)
1/X (1
X
10)
Standard Class
±10%
Precision Class
±5%
Essentially infinite
Below 0.1% against input voltage
0.2W
Electrical Travel:
Mechanical Travel:
Insulation Resistance:
Dielectric Strength:
Starting Torque:
Resistance
Temperature
Coefficient:
Mass:
300
°
±
(360
° in case of Sine 360°)
360
° (Endless)
Over 1,000M
Ω at 500V.D.C.
1 minute at 500V.A.C.
Below 1mN m (10gf cm)
±400p.p.m./
Approx. 5g
qSpecial Specifications Available
Extra taps (Available up to 1 tap), Shaft with front and rear extension (Rear shaft with 1mm dia. and 10mm length), With
stopper (Rotating angle becomes 310
° and stopper strength is 0.3N m [3kgf cm]), Special electrical travel, Shaft dia.
(
∅3.175mm) with inch dimensions, Special machining on the shaft, Special functions, Bushingmount type (Same
dimensions as FCP12AC).
Conductive Plastic
Model FFP12A


Similar Part No. - FFP12A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFP12UP20DN FAIRCHILD-FFP12UP20DN Datasheet
152Kb / 5P
   Ultrafast Recovery Power Rectifier
More results

Similar Description - FFP12A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCP12AC ETC1-FCP12AC Datasheet
149Kb / 2P
   Conductive Plastic
logo
Bi technologies
P090L BITECH-P090L_12 Datasheet
70Kb / 3P
   Conductive Plastic Element
logo
TT Electronics.
P160 TTELEC-P160 Datasheet
728Kb / 5P
   Conductive plastic element
P120 TTELEC-P120 Datasheet
728Kb / 5P
   Conductive plastic element
P231 TTELEC-P231 Datasheet
543Kb / 3P
   Conductive plastic element
P230 TTELEC-P230 Datasheet
558Kb / 3P
   Conductive plastic element
logo
Copal Electronics
JCL_SERIES COPAL-JCL_SERIES Datasheet
91Kb / 3P
   CONDUCTIVE PLASTIC RECTILINEAR TYPE
JC10_SERIES COPAL-JC10_SERIES Datasheet
69Kb / 2P
   CONDUCTIVE PLASTIC SINGLE TURN TYPE
logo
Vishay Siliconix
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
logo
Copal Electronics
CRV16 COPAL-CRV16 Datasheet
68Kb / 2P
   CONDUCTIVE PLASTIC SINGLE TURN TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com