Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZYSWA-2-50DR Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZYSWA-2-50DR
Description  SWITCHES GAAS SP4T WITH TTL Drivers DC to 3 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZYSWA-2-50DR Datasheet(HTML) 1 Page - Mini-Circuits

  ZYSWA-2-50DR Datasheet HTML 1Page - Mini-Circuits ZYSWA-2-50DR Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
218
GSWA
features
l excellent repeatability, specification limits
4.5
σ typical from mean
l high isolation
l low video break thru, 30 mVP-P typical
l low DC power consumption,120mW typical
NOTES:
u
Aqueous washable.
v
Available with SMA connectors
Moisture Resistance of models on this page is not guaranteed.
o
Non-hermetic
H
1.8 dB max. up to 3 GHz, 2.8 dB max. 3-4.6 GHz.
A.
Environmental specifications and re-flow soldering information available in General
Information Section.
B.
Connector types and case mounted options, case finishes
are given in section 0, see “Case styles & outline drawings”.
C.
Prices and Specifications subject to change without notice.
1.
Absolute maximum RF power input ratings.
Models
Power, dBm
ZSWA/GSWA-4-30DR
DC-100
100-500
500-2000 2000-3000 3000-5000
Steady state control:
+20
+24
+30
+30
As modulator:
+8
+14
+20
+20
ZFSW-2-46
+24
+27
+30
+30
+30
ZFSWA-2-46
+24
+24
+27
+27
+27
ZYSW-2-50DR
+22
+22
+22
+24
+24
ZYSWA-2-50DR
+20
+20
+20
+20
+20
2.
For reflective switches ZFSW, ZYSW models, OFF state of RF output is low impedance.
3.
Below 100 MHz, 1 dB compression gradually decreases to 10 dBm at 1 MHz.
control logic, all models
Model
Control Ports
RF outputs
Series
1234
1234
GSWA, ZSWA
Low
High High High
On
Off
Off
Off
High
Low
High High
Off
On
Off
Off
High High
Low
High
Off
Off
On
Off
High High High
Low
Off
Off
Off
On
ZFSW, ZFSWA
-v
0
On
Off
0-v
Off
On
ZYSW, ZYSWA
Low
On
Off
High
Off
On
pin and coaxial connections
see case style outline drawings for pin locations
PORT
eg
ej
hb
mn
RF IN
3
S
1
1
RF OUT 1
2
3
25
2
RF OUT 2
1
2
21
3
RF OUT 3
9
4
RF OUT 4
5
5
CONTROL 1
4
15
C5
CONTROL 2
1
16
C3
CONTROL 3
13
C4
CONTROL 4
14
C6
TTL-1
4
TTL-2
————
+5V
+5 VDC
12
C2
-5V
-5 VDC
18
C1
NOT USED
————
GND EXT.
all other pins
ZSWA
SP4T WITH TTL Drivers DC to 3 GHz
SWITCHES G
A
AS 50
Surface Mount t
A = DC to 500MHz
B = 500MHz to 2000MHz
C = 2000MHz to 3000MHz
FREQ.
(GHz)
MODEL
NO.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(1-9)
PRICE
$
Note B
f
L - fU
INSERTION LOSS
(dB)
A
Typ. Max.
B
Typ. Max.
C
Typ. Max.
1 dB COMPRESSION
(dBm)
frequency band
frequency band
IN-OUT ISOLATION
(dB)
frequency band
A3
Typ. Min.
B
Typ. Min.
C
Typ. Min.
A
Typ. Min.
B
Typ. Min.
C
Typ. Min.
u GSWA-4-30DR
DC-3
ll
1.25 1.8
2.0
3.0
2.75 3.9
22
28
28
50
40
37
32
31
26
AN213
hb
19.95
ZSWA-4-30DR
DC-3
ll
1.0 1.8
1.5
3.0
2.0
3.9
22
28
28
50
40
37
32
31
26
CV665
mn 119.95


Similar Description - ZYSWA-2-50DR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
   GaAs SP4T Absorptive Switch, DC - 3 GHz
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
   GaAs SP4T Absorptive Switch, DC - 3 GHz
MASW-007813 MACOM-MASW-007813 Datasheet
98Kb / 4P
   GaAs SP4T High Power Switch DC - 3 GHz
SW65-0440 MACOM-SW65-0440 Datasheet
304Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
   GaAs SP4T High Power Switch DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC165S14 HITTITE-HMC165S14 Datasheet
62Kb / 4P
   GaAS MMIC SP4T SWITCH DC TO 2.0 GHz
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
   GaAs SP4T Switch DC - 4.0 GHz
logo
Tyco Electronics
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
   GaAs SP4T Switch DC - 4.0 GHz
MASWSS0020 MACOM-MASWSS0020 Datasheet
261Kb / 5P
   GaAs SP4T 2.5V High Power Switch DC - 3 GHz
logo
Hexawave, Inc
HWS451 HW-HWS451 Datasheet
126Kb / 2P
   GaAs DC-6 GHz SP4T Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com