Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPSD412A1-C-70L Datasheet(PDF) 7 Page - STMicroelectronics

Part # ZPSD412A1-C-70L
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD412A1-C-70L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ZPSD412A1-C-70L Datasheet HTML 3Page - STMicroelectronics ZPSD412A1-C-70L Datasheet HTML 4Page - STMicroelectronics ZPSD412A1-C-70L Datasheet HTML 5Page - STMicroelectronics ZPSD412A1-C-70L Datasheet HTML 6Page - STMicroelectronics ZPSD412A1-C-70L Datasheet HTML 7Page - STMicroelectronics ZPSD412A1-C-70L Datasheet HTML 8Page - STMicroelectronics ZPSD412A1-C-70L Datasheet HTML 9Page - STMicroelectronics ZPSD412A1-C-70L Datasheet HTML 10Page - STMicroelectronics ZPSD412A1-C-70L Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 123 page
background image
PROG.
BUS
INTRF
ADIO
PORT
PROG.
PORT
PROG.
PORT
PORT
C
PROG.
PORT
PORT
D
CONTROL
RD, WR
AD0 – AD15
PC0 – PC7
PD0 – PD7
CLKIN
CLKIN
PAGE
REG.
ZPLD
INPUT
BUS
GLOBAL
CONFIG.
&
SECURITY
PORT
A
POWER
MANAGER
UNIT
VSTDBY
PA0 – PA7
PROG.
PORT
PORT
B
PB0 – PB7
PROG.
PORT
PORT
E
PE0 – PE7
ADDRESS/DATA/CONTROL BUS
PORT A MACROCELLS
PORT B MACROCELLS
PORT E MACROCELLS
(NOTE 2)
27PT
(NOTE 1)
(NOTE 1)
80PT
11PT
CLKIN
256K – 1M BIT
EPROM
16 K BITS
SRAM
I/O
DECODER
EPROM
SELECTS
SRAM
SELECT
PERIPHERAL
SELECTS
MACROCELL FEEDBACK OR PORT INPUT
CSIOP
GENERAL PLD
(GPLD)
24 MACROCELLS
DECODE PLD
(DPLD)
NOTES: 1. ZPLD INPUT BUS
– A1 = 36 + CLOCK = 37 INPUTS
– A2 = 58 + CLOCK = 59 INPUTS
2. PORT E MACROCELLS AVAILABLE ON A2 VERSIONS ONLY.


Similar Part No. - ZPSD412A1-C-70L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ZPSD413A2V-A-20JI STMICROELECTRONICS-ZPSD413A2V-A-20JI Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD413A2V-A-20JI STMICROELECTRONICS-ZPSD413A2V-A-20JI Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
More results

Similar Description - ZPSD412A1-C-70L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD312B-70J STMICROELECTRONICS-PSD312B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com