Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXOHVD4-BB-25.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CXOHVD4-BB-25.000
Description  Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CXOHVD4-BB-25.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CXOHVD4-BB-25.000 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-020815 Rev. D
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 14
pin 7
pin 8
O/P Load
incl Probe Cl
OUT
GND
OUT
Vdd
Option
Specifications subject to change without notice.
Designed to meet today's
requirements for tighter
frequency stability tolerance
while reducing unit cost.
4 Pin SMD,
3.3V & 5V, HCMOS/TTL
CXOHD4 / CXOHVD4 Model
1MHz to 38.88MHz
±1ppm to ±5ppm
±0.5ppm Max
±0.3ppm Max
-40°C to 85°C
-55°C to 120°C
3.3V or 5V ± 5%
±3ppm Min
Voltage Trim Pin 1
15mA Typ, 30mA Max
HCMOS/TTL
40/60% Max @ 50% Vdd
45/55% Max
4ns Typ, 10ns Max
"0" = 10% Vdd Max
"1" = 90% Vdd Min
15pF/10TTL Max
-100dBc/Hz
-130dBc/Hz
-140dBc/Hz
-145dBc/Hz
-150dBc/Hz
<1ppm Max/yr
Frequency Range:
Frequency Stability:
Freq. Stability vs Volt:
Freq. Stability vs Load:
Temperature Range:
Storage:
Input Voltage:
Mech. Trim. Range:
(Option V)
Input Current:
Output:
Symmetry:
(Option Y)
Rise/Fall Time:
Output Voltage:
Load:
Phase Noise Typ.:
10Hz
100HZ
1KHz
10KHz
100KHz
Aging:
CXOHD4
CXOHVD4 - B C 3 Y - 25.000
Crystek Part Number Guide
#6
#1 Crystek TCXO 4 Pin SMD HCMOS/TTL
#2 V or blank = (V = Volt.Trim) (Blank = Mech. Trim)
#3 Letter = Operating Temperature (see table 1)
#4 Letter = Frequency Stability (see table 1)
#5 3 or blank = Input Volt (3 = 3.3 volts) (Blank= 5V)
#6 Y or blank = Symmetry (Y=45/55) (Blank = 40/60)
#7 Frequency in MHz: 3 or 6 decimal places
Example:
CXOHD4-BC3Y-25.000 = mech. trim, -10/60, ±2.5ppm, 3.3V, 45/55%, 25.000MHz
CXOHVD4-BCY-25.000 = volt. trim, -10/60,±2.5ppm, 3.3V, 45/55%, 25.000MHz
#1
#3
#4
#5
#7
#2
Table 1
Operating
Temperature
Freq. Stability (± ppm)
0°C to 50°C
-10°C to 60°C
-10°C to 70°C
-20°C to 70°C
-30°C to 60°C
-30°C to 70°C
-30°C to 75°C
-40°C to 85°C
1.5
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
AB
C
D
E
F
A
B
C
D
E
F
G
H
1.0
P
2.5
3.0
2.0
2.0
2.0
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
± 5ppm Min
(5V) 2.5V ± 2.5V
(3.3V) 1.65V ± 1.65V
Voltage Trim Pin 1:
Control Voltage:
VCTCXO Specification
CRYSTEK
Freq
DC
.732
(18.60)
.480
(12.20)
.878
(22.3)
.177
(4.5)
.614 ±.020
(15.6 ±0.5)
.311 ±.020
(7.9 ±0.5)
#2
#3
#4
.019 ±.004
(0.5 ±0.1)
#1
Bottom
View
.197
(5.0)
.157
(4.00)
PIN
Function
1
2
3
4
VT or NC
GND
OUT
Vcc
Temperature Compensated
Crystal Oscillator
Voltage Trim Option
Available
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CXOHVD4-BB-25.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOHV CRYSTEKCRYSTAL-CXOHV Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
CXOHV-4AA-25.000 CRYSTEKCRYSTAL-CXOHV-4AA-25.000 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
CXOHV-4AA3-25.000 CRYSTEKCRYSTAL-CXOHV-4AA3-25.000 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
logo
List of Unclassifed Man...
CXOHV-4AA3Y ETC2-CXOHV-4AA3Y Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available
logo
Crystek Corporation
CXOHV-4AA3Y-25.000 CRYSTEKCRYSTAL-CXOHV-4AA3Y-25.000 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
More results

Similar Description - CXOHVD4-BB-25.000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXOHV-4BC3Y ETC2-CXOHV-4BC3Y Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available
logo
Crystek Corporation
CXOHV8 CRYSTEKCRYSTAL-CXOHV8 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim 3.2X5 mm SMD, 3V, TCVCXO
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
VTC4 VECTRON-VTC4 Datasheet
189Kb / 7P
   Voltage Controlled Temperature Compensated Crystal Oscillator
VTD3-07 VECTRON-VTD3-07 Datasheet
203Kb / 7P
   Voltage Controlled Temperature Compensated Crystal Oscillator
VTC4 VECTRON-VTC4_07 Datasheet
440Kb / 7P
   Voltage Controlled Temperature Compensated Crystal Oscillator
VTD3 VECTRON-VTD3_09 Datasheet
118Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com