Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCP3021X Datasheet(PDF) 2 Page - CTS Corporation

Part # VCP3021X
Description  Frequency Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCP3021X Datasheet(HTML) 2 Page - CTS Corporation

  VCP3021X Datasheet HTML 1Page - CTS Corporation VCP3021X Datasheet HTML 2Page - CTS Corporation VCP3021X Datasheet HTML 3Page - CTS Corporation VCP3021X Datasheet HTML 4Page - CTS Corporation VCP3021X Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VCP3021X
REV. A 03/26/07
CTS Electronic Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
http://www.ctscorp.com/
X1 03/26/07
VCP3021X
Mechanical Dimensions (mm):
15.9mm x 15.9mm x 3.1mm (max.):
All dimensions are in MM [Inches].
All dimensions are nominal unless otherwise specified.
Lead Termination Finish: Gold Flash, <10 micro inch, over Ni plated Cu.
15.9±0.1
[.625±.004]
15.9±0.1
[.625±.004]
3.1
[.122] MAX
THIRD ANGLE PROJECTION
2.54
[.100]
1.02
[.040]
1.7
[.067]
17.60
[.693]
12.75
[.502]
1.19
[.047]
2.54
[.100]
17.60
[.693]
13.18
[.519]
6.98
[.275]
3.49
[.137]
2.79
[.110]
TYP
TYP
TYP
1.14
[.045]
6.98
[.275]
2.62
[.103]
TYP
TYP
TYP
TYP
TYP
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 12
PIN 11
PIN 10
PIN 9
PIN 8
Recommended Land Pattern
CL
CL
CL
CL
Package outline
Pin #1 mark
Ø0.51[.020]
10 places
HATCHING INDICATES BARRIER
COATING OVER RESIST MASK
OVER GROUND PLANE
0.76
[.030]
PIN 13
PIN 14
PIN 7
PIN 6
0.25
[.010]
VCP3021X
622 M
CTS
07XX


Similar Part No. - VCP3021X

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3026A CTS-VCP3026A Datasheet
190Kb / 5P
   Frequency Translator
VCP3026A155M CTS-VCP3026A155M Datasheet
190Kb / 5P
   Frequency Translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
More results

Similar Description - VCP3021X

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
logo
CTS Corporation
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com