Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C88-SF45 Datasheet(PDF) 7 Page - Simtek Corporation

Part # STK11C88-SF45
Description  32Kx8 SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C88-SF45 Datasheet(HTML) 7 Page - Simtek Corporation

Back Button STK11C88-SF45 Datasheet HTML 3Page - Simtek Corporation STK11C88-SF45 Datasheet HTML 4Page - Simtek Corporation STK11C88-SF45 Datasheet HTML 5Page - Simtek Corporation STK11C88-SF45 Datasheet HTML 6Page - Simtek Corporation STK11C88-SF45 Datasheet HTML 7Page - Simtek Corporation STK11C88-SF45 Datasheet HTML 8Page - Simtek Corporation STK11C88-SF45 Datasheet HTML 9Page - Simtek Corporation STK11C88-SF45 Datasheet HTML 10Page - Simtek Corporation STK11C88-SF45 Datasheet HTML 11Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
STK11C88
Jan, 2008
Document Control #ML0012 Rev 2.0
AutoStore™ INHIBIT/POWER-UP RECALL
VCC
VSWITCH
VRESET
POWER-UP RECALL
DQ (DATA OUT)
STORE
INHIBIT
5V
22
tRESTORE
24
25
POWER-UP
RECALL
BROWN OUT
STORE INHIBIT
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
STORE INHIBIT
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
STORE INHIBIT
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH


Similar Part No. - STK11C88-SF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88-SF45 SIMTEK-STK11C88-SF45 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C88-SF45 CYPRESS-STK11C88-SF45 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C88-SF45I SIMTEK-STK11C88-SF45I Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C88-SF45I CYPRESS-STK11C88-SF45I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C88-SF45ITR SIMTEK-STK11C88-SF45ITR Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
More results

Similar Description - STK11C88-SF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK15C88 SIMTEK-STK15C88 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK11C68 SIMTEK-STK11C68 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK15C88 SIMTEK-STK15C88_08 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com