Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXOHD-GA-25.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CXOHD-GA-25.000
Description  Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, HCMOS/TTL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CXOHD-GA-25.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CXOHD-GA-25.000 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-020814 Rev. C
PWR
Supply
mA
M
VM
OSC.
pin 6
pins
1,2,4
pin 3
O/P Load
incl Probe Cl
OUT
GND
OUT
Vdd
pin 5
NC
Specifications subject to change without notice.
Designed to meet today's
requirements for tighter
frequency stability
tolerance while reducing
pad layout requirement.
10MHz to 27MHz
±1.5ppm to ±5ppm
±0.5ppm Max
±0.3ppm Max
-40°C to 85°C
-55°C to 120°C
3.3V or 5V ±5%
±3ppm Min
15mA Typ, 20mA Max
HCMOS/TTL
40/60% Max @ 50% Vdd
4ns Typ, 10ns Max
"0" = 10% Vdd Max
"1" = 90% Vdd Min
15pF/10TTL Max
-100dBc/Hz
-130dBc/Hz
-140dBc/Hz
-145dBc/Hz
-150dBc/Hz
<1ppm Max/Yr
Frequency Range:
Frequency Stability:
Freq. Stability vs Volt:
Freq. Stability vs Load:
Temperature Range:
Storage:
Input Voltage:
Trimmer Adj. Range:
Input Current:
Output:
Symmetry:
Rise/Fall Time:
Output Voltage:
Load:
Phase Noise Typ.:
10Hz
100Hz
1KHz
10KHz
100KHz
Aging:
CXOHD
CXOHD - B C 3 - 25.000
Crystek Part Number Guide
#1 Crystek 6 Pin SMD TCXO HCMOS/TTL
#2 Letter = Operating Temperature (see table 1)
#3 Letter = Frequency Stability (see table 1)
#4 3 or blank = Input Volt (3 = 3.3 volts) (Blank= 5V)
#5 Frequency in MHz: 3 or 6 decimal places
Example:
CXOHD-BC3-25.000 = -10/60, ±2.5ppm, 3.3V, 25.000MHz
#5
#1
#2
#3
#4
Table 1
Operating
Temperature
Freq. Stability (± ppm)
0°C to 50°C
-10°C to 60°C
-10°C to 70°C
-20°C to 70°C
-30°C to 60°C
-30°C to 70°C
-30°C to 75°C
-40°C to 85°C
1.5
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
4.0
4.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
AB
C
D
E
F
A
B
C
D
E
F
G
H
1.5
CRYSTEK
10M DC
0.390
(9.90)
#1
#2
0.051
(1.3)
0.150
(3.8)DIA.
#6
#5
#4
#3
0.460
(11.7)
0.192
(4.9)
0.122
(3.1)
0.100
(2.50)
0.30+/-0.008
(7.62+/-0.2)
0.100 (2.54) x3
0.100
(2.50)
0.160
(4.0)
0.060
(1.6)
0.181
(4.60)
0.181
(4.60)
0.110
(2.9)
0.300
(7.62)
0.100
(2.54)
PIN
Connection
1
2
3
4
5
6
GND
GND
OUTPUT
GND
NC
Vcc
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Temperature Compensated
Crystal Oscillator
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
6 Pin SMD,
3.3V & 5V, HCMOS/TTL
CXOHD Model


Similar Part No. - CXOHD-GA-25.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOHD4 CRYSTEKCRYSTAL-CXOHD4 Datasheet
116Kb / 1P
   Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic
CXOHD4 CRYSTEKCRYSTAL-CXOHD4_15 Datasheet
83Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - CXOHD-GA-25.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOSD CRYSTEKCRYSTAL-CXOSD Datasheet
113Kb / 1P
   Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, Clipped Sine
CXOH CRYSTEKCRYSTAL-CXOH Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
CXOHV8 CRYSTEKCRYSTAL-CXOHV8 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
CXOSD6 CRYSTEKCRYSTAL-CXOSD6 Datasheet
128Kb / 1P
   Temperature Compensated Crystal Oscillator 6 Pad SMD, 3.3V & 5V, Clipped Sine
logo
List of Unclassifed Man...
S1800 ETC1-S1800 Datasheet
114Kb / 2P
   Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
logo
Abracon Corporation
ASTX-H09 ABRACON-ASTX-H09 Datasheet
142Kb / 2P
   HCMOS TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
6.19.07
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
   3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
logo
Crystek Corporation
CXOSD5 CRYSTEKCRYSTAL-CXOSD5 Datasheet
110Kb / 1P
   Temperature Compensated Crystal Oscillator 4 Pad SMD, 3.3V & 5V, Clipped Sine
logo
List of Unclassifed Man...
OC-35 ETC2-OC-35 Datasheet
37Kb / 1P
   3.2X5X1.2mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-33 ETC2-OC-33 Datasheet
37Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com