Part Name
         Description
VN5E160S-E

 Single channel high side driver for automotive applications ( 34 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
 8 page
background image
Electrical specifications
VN5E160S-E
8/34
Symbol
Parameter
Value
Unit
VESD
Electrostatic discharge (Human body model: R=1.5K
Ω;
C=100pF)
–INPUT
–STATUS
–STAT_DIS
–OUTPUT
–VCC
4000
4000
4000
5000
5000
V
V
V
V
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
- 55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Max. value
Unit
Rthj-pins
Thermal resistance junction-pins
30
°C/W
Rthj-amb
Thermal resistance junction-ambient
°C/W
Table 3.
Absolute maximum ratings (continued)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VN5E050AJ-ESingle channel high side driver with analog current sense for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
VN5050AJ-ESingle channel high side driver with analog current sense for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
VN5160S-ESingle channel high side driver for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
VN5050J-E_07Single channel high side driver for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
VND5160AJ-EDouble channel high side driver with analog current sense for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
VND5025AK-E_08Double channel high side driver with analog current sense for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
VND5050J-E_07Double channel high side driver for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
VNQ5050AK-EQuad channel high side driver with analog current sense for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
VND5025AK-EDouble channel high side driver with analog current sense for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
VND5160J-EDouble channel high side driver for automotive applications 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl