Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT18504PM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT18504PM
Description  SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18504PM Datasheet(HTML) 2 Page - Texas Instruments

  SN74ABT18504PM Datasheet HTML 1Page - Texas Instruments SN74ABT18504PM Datasheet HTML 2Page - Texas Instruments SN74ABT18504PM Datasheet HTML 3Page - Texas Instruments SN74ABT18504PM Datasheet HTML 4Page - Texas Instruments SN74ABT18504PM Datasheet HTML 5Page - Texas Instruments SN74ABT18504PM Datasheet HTML 6Page - Texas Instruments SN74ABT18504PM Datasheet HTML 7Page - Texas Instruments SN74ABT18504PM Datasheet HTML 8Page - Texas Instruments SN74ABT18504PM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
SN54ABT18504, SN74ABT18504
SCAN TEST DEVICES WITH
20-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS108B – AUGUST 1992 – REVISED JUNE 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2
18 19
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52
17
51 50 49
30 31 32
A4
A5
A6
GND
A7
A8
A9
A10
VCC
A11
A12
A13
GND
A14
A15
A16
B5
B6
B7
GND
B8
B9
B10
VCC
B11
B12
B13
B14
GND
B15
B16
B17
SN74ABT18504 ...PM PACKAGE
(TOP VIEW)
description
The SN54ABT18504 and SN74ABT18504 scan test devices with 20-bit universal bus transceivers are
members of the Texas Instruments SCOPE
™ testability IC family. This family of devices supports IEEE
Standard 1149.1-1990 boundary scan to facilitate testing of complex circuit board assemblies. Scan access to
the test circuitry is accomplished via the 4-wire test access port (TAP) interface.
In the normal mode, these devices are 20-bit universal bus transceivers that combine D-type latches and D-type
flip-flops to allow data flow in transparent, latched, or clocked modes. The test circuitry can be activated by the
TAP to take snapshot samples of the data appearing at the device pins or to perform a self test on the boundary
test cells. Activating the TAP in the normal mode does not affect the functional operation of the SCOPE
universal bus transceivers.
Data flow in each direction is controlled by output-enable (OEAB and OEBA), latch-enable (LEAB and LEBA),
clock-enable (CLKENAB and CLKENBA), and clock (CLKAB and CLKBA) inputs. For A-to-B data flow, the
device operates in the transparent mode when LEAB is high. When LEAB is low, the A-bus data is latched while
CLKENAB is high and/or CLKAB is held at a static low or high logic level. Otherwise, if LEAB is low and
CLKENAB is low, A-bus data is stored on a low-to-high transition of CLKAB. When OEAB is low, the B outputs
are active. When OEAB is high, the B outputs are in the high-impedance state. B-to-A data flow is similar to
A-to-B data flow but uses the OEBA, LEBA, CLKENBA, and CLKBA inputs.
In the test mode, the normal operation of the SCOPE
™ universal bus transceivers is inhibited, and the test
circuitry is enabled to observe and control the I/O boundary of the device. When enabled, the test circuitry
performs boundary scan test operations according to the protocol described in IEEE Standard 1149.1-1990.


Similar Part No. - SN74ABT18504PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT18504PM TI-SN74ABT18504PM Datasheet
450Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN74ABT18504PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH18504A TI-SN54ABTH18504A_08 Datasheet
763Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18504A TI-SN54ABTH18504A Datasheet
547Kb / 35P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504 Datasheet
450Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI1-SN54LVTH18504A_12 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI-SN54LVTH18504A Datasheet
544Kb / 35P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI-SN54LVTH18514 Datasheet
548Kb / 34P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI1-SN54LVTH18514_17 Datasheet
584Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com