Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C3503TE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C3503TE
Description  Low Power Spread Spectrum Frequency Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C3503TE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C3503TE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C3503TE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C3503TE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C3503TE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C3503TE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C3503TE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C3503TE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C3503TE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C3503TE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8929A
02/19/08
Block Diagram
PI6C3503
Low Power Spread Spectrum
Frequency Multiplier
Features
• Produces a 1 time spread spectrum clock signal from the input
frequency.
• 2.5 V or 3.3V power supply operation.
• Input frequency range from 13MHz to 30MHz.
• Frequency Spreading Ratio : +1.15% (Typical @15MHz
output frequency)
• Modulation Rate : Fin/640
• Low power consumption design
• 6-pin SOT-23, 6-pin TDFN, 8-pin TSSOP, and 8-pin SOIC
Packages.
Description
The PI6C3503 is a Low Power Frequency Multiplier with
Spread Spectrum function to reduce EMI interference. The
PI6C3503 provides a 1 time Spread Spectrum modulated output
from a single clock source or a crystal. The PI6C3503 can
reduce EMI at the clock output and it allows significant system
cost savings by reducing the number of circuit board layers
ferrite beads and shielding that are traditionally required to pass
EMI regulations.
Power down control is selectable through external logic state
setting. The various and small package outlines can save board
size and is easy for layout.
The PI6C3503 can be used in most portable devices with low
power requirements like PDA, DSC, MFP, Media player,
portable-TV, and LCM(LCD Panel Module).
PI6C3503 is one of Pericom clock products, if you have
application need with clock input or output not specified here,
please contact with Pericom for further information or custom
clock design.
Pin Configuration
PD
Modulation
LPF
VCO
1/N
X2
X1/CLKIN
CLKOUT
1/K
1/M
PED
/CP
VDD
GND
CLKOU T
X2
PD
X1
/CLKIN
SOT-23
NC
NC
CLKOU T
PD
X2
X1
VDD
GND
8
SOIC
TSSOP
6 Pin
Pin
/CLKIN
08-0035


Similar Part No. - PI6C3503TE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3420ATE PERICOM-PI6C3420ATE Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
PI6C3622-1 PERICOM-PI6C3622-1 Datasheet
317Kb / 9P
   Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
More results

Similar Description - PI6C3503TE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3622-1 PERICOM-PI6C3622-1 Datasheet
317Kb / 9P
   Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
logo
Maxim Integrated Produc...
DS1080L MAXIM-DS1080L Datasheet
157Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 2; 10/09
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com