Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3HDMI412FT-BBE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI3HDMI412FT-BBE
Description  2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI412FT-BBE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI412FT-BBE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI412FT-BBE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI412FT-BBE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI412FT-BBE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI412FT-BBE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI412FT-BBE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI412FT-BBE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI412FT-BBE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3HDMI412FT-BBE Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
P-0.2
02/12/07
PI3HDMI412FT-B
2:1 Mux/DeMux High BW (> 5 Gbps)
HDMI 1.3 Compliant Signal Switch
DESCRIPTION: 42-contact Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZH (ZH42)
DOCUMENT CONTROL #: PD-2035
REVISION: A
DATE: 03/10/06
07-0038


Similar Part No. - PI3HDMI412FT-BBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI412FT-A PERICOM-PI3HDMI412FT-A Datasheet
874Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI412FT-ABE PERICOM-PI3HDMI412FT-ABE Datasheet
874Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI412FT-AZHE PERICOM-PI3HDMI412FT-AZHE Datasheet
874Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
More results

Similar Description - PI3HDMI412FT-BBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI412FT-A PERICOM-PI3HDMI412FT-A Datasheet
874Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
M/A-COM Technology Solu...
M20001-BRF-001-A MA-COM-M20001-BRF-001-A Datasheet
193Kb / 2P
   High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
M20001-BRF-001-A MA-COM-M20001-BRF-001-A_15 Datasheet
193Kb / 2P
   High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
logo
Pericom Semiconductor C...
PI3HDMI412-A PERICOM-PI3HDMI412-A Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412FT PERICOM-PI3HDMI412FT Datasheet
383Kb / 9P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch with Flow-through Pin Out
PI3HDMI412-B PERICOM-PI3HDMI412-B Datasheet
596Kb / 9P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Potato Semiconductor Co...
PO3B512A POTATO-PO3B512A_14 Datasheet
1Mb / 5P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com