Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V437432E24VXTG-75PC Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # V437432E24VXTG-75PC
Description  3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437432E24VXTG-75PC Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button V437432E24VXTG-75PC Datasheet HTML 5Page - Mosel Vitelic, Corp V437432E24VXTG-75PC Datasheet HTML 6Page - Mosel Vitelic, Corp V437432E24VXTG-75PC Datasheet HTML 7Page - Mosel Vitelic, Corp V437432E24VXTG-75PC Datasheet HTML 8Page - Mosel Vitelic, Corp V437432E24VXTG-75PC Datasheet HTML 9Page - Mosel Vitelic, Corp V437432E24VXTG-75PC Datasheet HTML 10Page - Mosel Vitelic, Corp V437432E24VXTG-75PC Datasheet HTML 11Page - Mosel Vitelic, Corp V437432E24VXTG-75PC Datasheet HTML 12Page - Mosel Vitelic, Corp V437432E24VXTG-75PC Datasheet HTML 13Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
V437432E24V Rev. 1.0 January 2002
MOSEL VITELIC
V437432E24V
Notes:
1.
The specified values are valid when addresses are changed no more than once during tCK(min.) and when No
Operation commands are registered on every rising clock edge during tRC(min). Values are shown per module
bank.
2.
The specified values are valid when data inputs (DQ’s) are stable during tRC(min.).
3.
All AC characteristics are shown for device level.
An initial pause of 100
µs is required after power-up, then a Precharge All Banks command must be given followed
by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin.
4.
AC timing tests have VIL =0.4V and VIH = 2.4V with the timing referenced to the 1.4V crossover point. The transition
time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit
shown. Specific tac and toh parameters are measured with a 50 pF only, without any resistive termination and with
a input signal of 1V / ns edge rate between 0.8V and 2.0V.
5.
If clock rising time is longer than 1 ns, a time (tT/2 -0.5) ns has to be added to this parameter.
6.
Rated at 1.5V
7.
If tT is longer than 1 ns, a time (tT -1) ns has to be added to this parameter.
8.
Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be
given to “wake-up” the device.
9.
Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high.
Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command
is registered.
10.
Referenced to the time which the output achieves the open circuit condition, not to output voltage levels.
11.
tDAL is equivalent to tDPL +tRP.
1.4V
1.4V
tSETUP
tHOLD
tAC
tAC
tLZ
tOH
tHZ
CLOCK
INPUT
OUTPUT
50 pF
I/O
Z=50 Ohm
+1.4 V
50 Ohm
2.4V
0.4V
tT
tCL
tCH
I/O
Measurement conditions for
tac and toh
50 pF


Similar Part No. - V437432E24VXTG-75PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
More results

Similar Description - V437432E24VXTG-75PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827332N04S MOSEL-V827332N04S Datasheet
450Kb / 15P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V827332U04S MOSEL-V827332U04S Datasheet
294Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827432K24S MOSEL-V827432K24S Datasheet
211Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com