Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX114110C Datasheet(PDF) 2 Page - Tyco Electronics

Part # RX114110C
Description  Power PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RX114110C Datasheet(HTML) 2 Page - Tyco Electronics

  RX114110C Datasheet HTML 1Page - Tyco Electronics RX114110C Datasheet HTML 2Page - Tyco Electronics RX114110C Datasheet HTML 3Page - Tyco Electronics RX114110C Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Insulation
Dielectric strength
coil-contacts
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage
8 / 8 mm
Insulation to IEC 60664
Voltage rating
250 V
Pollution degree
3
Overvoltage category
III
Insulation dimensions
coil-contacts
reinforced insulation
contact-contact
basic / functional insulation
across open contacts
micro-disconnection
Tracking resistance of relay base
CTI 250
Power PCB Relay RX
1 pole (12 or 16 A) or 2 pole (8 A)
DC or AC-coil
Coil versions, AC-coil
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vac
Vac
Vac
Vac
c
mA
524
24
18.0
3.6
36.0
350+10%
31.6
615
115
86.3
17.3
172.5
8100+15%
6.6
730
230
172.5
34.5
345.0
32500+15%
3.2
All figures are given for coil without preenergization, at ambient temperature +20°C
Other data
Flammability class according to UL 94
standard / transparent cover
V-0 / HB
Coil insulation system according to UL 1446
Class F
Min. ambient temperature
-40 °C
Max. ambient temperature / mounting distance
1pole
2pole
DC-coil
85 °C 1) / 2.5 mm
70 °C / 2.5 mm
AC-coil
70 °C / 2.5 mm
70 °C / 5 mm
Mechanical life
DC-coil
>5x106 operations
AC-coil
>1x106 operations
Max. switching rate at rated- / minimum load
6 min-1 / 600 min-1
Operate- / release time DC-coil
typ. 7 / 2 ms
Bounce time N/O contact/N/C contact
typ. 1 / 3 ms
Vibration resistance N/O
20 g, 10...150 Hz
Shock resistance (destruction)
100 g
Category of protection (IEC 61810)
RT II - flux proof, RT III - wash tight 2)
Relay weight
13 g
Packaging unit
500 pcs.
1)
version with transparent cover: 70°C
2)
version with transparent cover: RTII only


Similar Part No. - RX114110C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RX114012 MACOM-RX114012 Datasheet
272Kb / 4P
   Power PCB Relay
RX114012 MACOM-RX114012 Datasheet
246Kb / 4P
   Power PCB Relay RX1
RX114012C MACOM-RX114012C Datasheet
272Kb / 4P
   Power PCB Relay
RX114012C MACOM-RX114012C Datasheet
246Kb / 4P
   Power PCB Relay RX1
RX114012 MACOM-RX114012_06 Datasheet
246Kb / 4P
   Power PCB Relay RX1
More results

Similar Description - RX114110C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com