Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL761XDCTV Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # ICL761XDCTV
Description  Single/Dual/Triple/Quad Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL761XDCTV Datasheet(HTML) 4 Page - Maxim Integrated Products

  ICL761XDCTV Datasheet HTML 1Page - Maxim Integrated Products ICL761XDCTV Datasheet HTML 2Page - Maxim Integrated Products ICL761XDCTV Datasheet HTML 3Page - Maxim Integrated Products ICL761XDCTV Datasheet HTML 4Page - Maxim Integrated Products ICL761XDCTV Datasheet HTML 5Page - Maxim Integrated Products ICL761XDCTV Datasheet HTML 6Page - Maxim Integrated Products ICL761XDCTV Datasheet HTML 7Page - Maxim Integrated Products ICL761XDCTV Datasheet HTML 8Page - Maxim Integrated Products ICL761XDCTV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
4
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS (Single/Dual)
ELECTRICAL CHARACTERISTICS (Single/Dual)
(VSUPP = ±1.0V, IQ = 10µA, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Total Supply Voltage (V+ to V-) ...........................................+18V
Input Voltage ........................................(V+ + 0.3V) to (V- - 0.3V)
Differential Input Voltage (Note 1) ......±(V+ + 0.3V) to (V- - 0.3V)
Duration of Output Short Circuit (Note 2) ......................Unlimited
Continuous Power Dissipation (TA = +25°C)
TO-99 Metal Can (derate 2mW/°C above +25°C) .......250mW
8-Pin Minidip (derate 2mW/°C above +25°C) ..............250mW
14-Pin Plastic (derate 3mW/°C above +25°C) .............375mW
14-Pin CERDIP (derate 4mW/°C above +25°C)...........500mW
16-Pin Plastic (derate 3mW/°C above +25°C) .............375mW
16-Pin CERDIP (derate 4mW/°C above +25°C)...........500mW
Operating Temperature Ranges:
M Series .............................................................-55°C to +125°C
E Series................................................................-40°C to +85°C
C Series .................................................................-0°C to +70°C
Storage Temperature Range ............................-55°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
ICL76XXA
ICL76XXB
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RS
≤ 100kΩ,
TA = +25°C
25
Input Offset Voltage
VOS
RS
≤ 100kΩ,
TMIN
≤ TA ≤ TMAX
37
mV
Temperature
Coefficient of VOS
ΔVOS/ΔTRS ≤ 100kΩ
10
15
µV/°C
TA = +25°C
0.5
30
0.5
30
Input Offset Current
IOS
0°C
≤ TA ≤ +70°C
300
300
pA
TA = +25°C
1.0
50
1.0
50
Input Bias Current
IBIAS
0°C
≤ TA ≤ +70°C
500
500
pA
Common-Mode
Voltage Range
(Except ICL7612/
ICL7616)
VCMR
-0.4
+0.6
-0.4
+0.6
V
Extended Common-
Mode Voltage Range
(ICL7612 Only)
VCMR
-1.1
+0.6
-1.1
+0.6
V
Extended Common-
Mode Voltage Range
(ICL7616 Only)
VCMR
IQ = 10µA
-1.3
-0.3
-1.3
-0.3
V
RL = 1M
Ω, TA = +25°C
±0.98
±0.98
Output Voltage Swing
VOUT
RL = 1M
Ω, 0°C ≤ TA
+70°C
±0.96
±0.96
V
Note 1: Long-term offset voltage stability will be degraded if large input differential voltages are applied for long periods of time.
Note 2: The outputs may be shorted to ground or to either supply for VSUPP ≤ 10V. Care must be taken to insure that the dissipation
rating is not exceeded.


Similar Part No. - ICL761XDCTV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL761XDCTV MAXIM-ICL761XDCTV Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL761XDCTV MAXIM-ICL761XDCTV Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL761XDCTV MAXIM-ICL761XDCTV Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761XDCTV MAXIM-ICL761XDCTV Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
More results

Similar Description - ICL761XDCTV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X_1 Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP292 AD-OP292_02 Datasheet
516Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. B
OP292 AD-OP292_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com