Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N914BWT Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 1N914BWT
Description  High Conductance Fast Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N914BWT Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N914BWT Datasheet HTML 1Page - Fairchild Semiconductor 1N914BWT Datasheet HTML 2Page - Fairchild Semiconductor 1N914BWT Datasheet HTML 3Page - Fairchild Semiconductor 1N914BWT Datasheet HTML 4Page - Fairchild Semiconductor 1N914BWT Datasheet HTML 5Page - Fairchild Semiconductor 1N914BWT Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4148WT / 1N4448WT / 1N914BWT Rev. 1.0
1
March 2008
1N4148WT / 1N4448WT / 1N914BWT
High Conductance Fast Switching Diode
• Fast Switching Diode (Trr <4.0nsec)
• Flat Lead, Surface Mount Device under 0.70mm Height
• Extremely Small Outline Plastic Package SOD523F
• Moisture Level Sensitivity 1
• Pb-free Version and RoHS Compliant
• Matte Tin (Sn) Lead Finish
• Green Mold Compound
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
*Device mounted on FR-4 PCB minimum land pad.
Electrical Characteristics* T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRSM
Non-Repetitive Peak Reverse Voltage
75
V
VRRM
Repetitive Peak Reverse Voltage
75
V
I FRM
Repetitive Peak Forward Current
300
mA
TJ
Operating Junction Temperature Range
-55 to +150
°C
TSTG
Storage Temperature Range
-55 to +150
°C
Symbol
Parameter
Value
Unit
RθJA
Thermal Resistance, Junction to Ambient
500
°C/W
PD
Power Dissipation(TC=25°C)
200
mW
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVR
Breakdown Voltage
IR = 100 μA
IR = 5 μA
100
75
V
IR
Reverse Current
VR = 20 V
VR = 75 V
25
5
nA
μA
VF
Forward Voltage
1N4448WT/ 914WT
1N4448WT
1N4448WT/ 914WT
IF = 5 mA
IF = 10 mA
IF = 100 mA
0.62
0.72
1
1
V
C
O
Diode Capacitance
VR = 0, f = 1 MHz
4
pF
TRR
Reverse Recovery Time
I F = 10 mA, VR = 6.0 V
I RR = 1 mA, RL = 100 Ω
4
nS
SOD-523F
Band Indicates Cathode*
Device Marking Code
Device Type
Device Marking
1N4148WT
E1
1N4448WT
E2
1N914BWT
E3


Similar Part No. - 1N914BWT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N914BWT RECTRON-1N914BWT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
1N914BWT RECTRON-1N914BWT Datasheet
268Kb / 6P
   200mW SOD-523 SURFACE MOUNT
1N914BWTV RECTRON-1N914BWTV Datasheet
268Kb / 6P
   200mW SOD-523 SURFACE MOUNT
More results

Similar Description - 1N914BWT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
1N4148WT AITSEMI-1N4148WT Datasheet
283Kb / 5P
   SWITCHING DIODE HIGH CONDUCTANCE FAST SWITCHING DIODE
REV1.0
logo
Fairchild Semiconductor
MMSD4148 FAIRCHILD-MMSD4148 Datasheet
22Kb / 2P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154 Datasheet
129Kb / 5P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154_09 Datasheet
162Kb / 3P
   High Conductance Fast Diode
MMBD4448 FAIRCHILD-MMBD4448 Datasheet
41Kb / 5P
   High Conductance Fast Diode
MMSD914 FAIRCHILD-MMSD914 Datasheet
22Kb / 3P
   High Conductance Fast Diode
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com