Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ40CA-TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMCJ40CA-TR
Description  TRANSILTM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCJ40CA-TR Datasheet(HTML) 4 Page - STMicroelectronics

  SMCJ40CA-TR Datasheet HTML 1Page - STMicroelectronics SMCJ40CA-TR Datasheet HTML 2Page - STMicroelectronics SMCJ40CA-TR Datasheet HTML 3Page - STMicroelectronics SMCJ40CA-TR Datasheet HTML 4Page - STMicroelectronics SMCJ40CA-TR Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
10
100
200
0.01
0.10
1.00
10.00
VR(V)
C(nF)
F=1MHz
SMCJ5.0A
SMCJ188A
SMCJ58A
SMCJ33A
SMCJ18A
Fig. 5-1: Capacitance versus reverse applied volt-
age (typical values) (SMCJxxA serie).
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1
1.0
10.0
100.0
200.0
VFM(V)
IFM(A)
Tj=25°C
Tj=125°C
Fig. 6: Peak forward voltage drop versus peak for-
ward current (typical values).
012345
40
50
60
70
80
90
100
S(cm²)
Rth(j-a) (°C/W)
Fig. 8: Thermal resistance junction to ambient ver-
sus copper surface under each lead
(Printed circuit board FR4, e(Cu)=35
µm)
1
10
100
200
0.01
0.10
1.00
10.00
VR(V)
C(nF)
F=1MHz
SMCJ5.0CA
SMCJ188CA
SMCJ58CA
SMCJ33CA
SMCJ18CA
Fig. 5-2: Capacitance versus reverse applied volt-
age (typical values) (SMCJxxCA serie).
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
tp(s)
Zth(j-a)/Rth(j-a)
Fig. 7: Relative variation of thermal impedance
junction to ambient versus pulse duration.
(Printed circuit board FR4, S(Cu)=1cm
2).
0
25
50
75
100
125
150
1E-1
1E+0
1E+1
1E+2
1E+3
2E+3
Tj(°C)
IR[Tj] / IR [Tj=25°C]
VBR<8.5V
VBR upper or
equal to 8.5V
Fig. 9: Relative variation of leakage current versus
junction temperature.
SMCJxxxA-TR, CA-TR
4/5


Similar Part No. - SMCJ40CA-TR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ40CA-13-F DIODES-SMCJ40CA-13-F Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
UN Semiconducctor INC
SMCJ40CA-AT UNSEMI-SMCJ40CA-AT Datasheet
2Mb / 6P
   1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Shanghai Yint Electroni...
SMCJ40CA-H YINT-SMCJ40CA-H Datasheet
1Mb / 5P
   Automotive and High Reliability TVS Diodes
logo
Bourns Electronic Solut...
SMCJ40CA-Q BOURNS-SMCJ40CA-Q Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results

Similar Description - SMCJ40CA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com