Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4252-2CMS8PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4252-2CMS8PBF
Description  Negative Voltage Hot Swap Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-2CMS8PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC4252-2CMS8PBF Datasheet HTML 1Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 2Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 3Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 4Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 5Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 6Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 7Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 8Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
5
425212fb
TYPICAL PERFOR A CE CHARACTERISTICS
IIN vs Temperature
rZ vs Temperature
VZ vs Temperature
Undervoltage Lockout VLKO
vs Temperature
Undervoltage Lockout Hysteresis
VLKH vs Temperature
Circuit Breaker Current Limit
Voltage VCB vs Temperature
Analog Current Limit Voltage
VACL vs Temperature
Fast Current Limit Voltage VFCL
vs Temperature
TEMPERATURE (
°C)
–55
2000
1800
1600
1400
1200
1000
800
600
400
200
0
–15
25
45
125
4252-1/2 G01
–35
5
65
85 105
VIN = (VZ – 0.3V)
VIN (V)
0
2
4
6
8
10 12 14 16 18 20 22
1000
100
10
1
0.1
4252-1/2 G02
TA = –40°C
TA = 125°C
TA = 85°C
TA = 25°C
TEMPERATURE (
°C)
–55
10
9
8
7
6
5
4
3
2
–15
25
45
125
4252-1/2 G03
–35
5
65
85 105
IIN = 2mA
TEMPERATURE (
°C)
–55
14.5
14.0
13.5
13.0
12.5
12.0
–15
25
45
125
4252-1/2 G04
–35
5
65
85 105
IIN = 2mA
TEMPERATURE (
°C)
–55
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
–15
25
45
125
4252-1/2 G05
–35
5
65
85 105
TEMPERATURE (
°C)
–55
0.5
0.7
1.1
1.3
1.5
–15
25
45
125
4252-1/2 G06
0.9
–35
5
65
95 105
TEMPERATURE (
°C)
–55
60
58
56
54
52
50
48
46
44
42
40
–15
25
45
125
4252-1/2 G07
–35
5
65
85 105
TEMPERATURE (
°C)
–55
120
115
110
105
100
95
90
85
80
–15
25
45
125
4252-1/2 G08
–35
5
65
85 105
TEMPERATURE (
°C)
–55
300
275
250
225
200
175
150
–15
25
45
125
4252-1/2 G09
–35
5
65
85 105
IIN vs VIN


Similar Part No. - LTC4252-2CMS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-2 LINER-LTC4252-2 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4252-2 LINER-LTC4252-2 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
logo
Analog Devices
LTC4252-2 AD-LTC4252-2 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4252-2 AD-LTC4252-2 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
logo
Linear Technology
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results

Similar Description - LTC4252-2CMS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-2 LINER-LTC4252C-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com