Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4252-2CMS8PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4252-2CMS8PBF
Description  Negative Voltage Hot Swap Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-2CMS8PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4252-2CMS8PBF Datasheet HTML 6Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 7Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 8Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 9Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 10Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 11Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 12Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 13Page - Linear Technology LTC4252-2CMS8PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
10
425212fb
VEE (Pin 5/Pin 4): Negative Supply Voltage Input. Connect
this pin to the negative side of the power supply.
GATE (Pin 6/Pin 5): N-Channel MOSFET Gate Drive Out-
put. This pin is pulled high by a 58
µA current source. GATE
is pulled low by invalid conditions at VIN (UVLO), UV, OV,
or a circuit breaker fault timeout. GATE is actively servoed
to control the fault current as measured at SENSE. A
compensation capacitor at GATE stabilizes this loop. A
comparator monitors GATE to ensure that it is low before
allowing an initial timing cycle, GATE ramp-up after an
overvoltage event or restart after a current limit fault.
During GATE start-up, a second comparator detects if
GATE is within 2.8V of VIN before PWRGD is set (MS
package only).
DRAIN (Pin 7/Pin 6): Drain Sense Input. Connecting an
external resistor, RD, between this pin and the MOSFET’s
drain (VOUT) allows voltage sensing below 6.15V (5V for
LTC4252A) and current feedback to TIMER. A comparator
detects if DRAIN is below 2.385V and together with the
GATE high comparator sets the PWRGD flag. If VOUT is
above VDRNCL, DRAIN clamps at approximately VDRNCL.
The current through RD is internally multiplied by 8 and
added to TIMER’s 230
µA pullup current during a circuit
breaker fault cycle. This reduces the fault time and MOSFET
heating.
OV (Pin 8/Pin7): Overvoltage Input. The active high thresh-
old at the OV pin is set at 6.15V with 0.6V hysteresis. If OV
> 6.15V, GATE pulls low. When OV returns below 5.55V,
GATE start-up begins without an initial timing cycle. The
LTC4252A OV pin is set at 5.09V with 102mV hysteresis.
If OV > 5.09V, GATE pulls low. When OV returns below
4.988V, GATE start-up begins without an initial timing
cycle. If an overvoltage condition occurs in the middle of
an initial timing cycle, the initial timing cycle is restarted
after the overvoltage condition goes away. An overvoltage
condition does not reset the PWRGD flag. The internal
UVLO at VIN always overrides OV. A 1nF to 10nF capacitor
at OV prevents transients and switching noise from affect-
ing the OV thresholds and prevents glitches at the GATE
pin.
UV (Pin 9/Pin 7): Undervoltage Input. The active low
threshold at the UV pin is set at 2.925V with 0.3V hyster-
esis. If UV < 2.925V, PWRGD pulls high, both GATE and
TIMER pull low. If UV rises above 3.225V, this initiates an
initial timing cycle followed by GATE start-up. The
LTC4252A UV pin is set at 3.08V with 324mV hysteresis.
If UV < 2.756V, PWRGD pulls high, both GATE and TIMER
pull low. If UV rises above 3.08V, this initiates an initial
timing cycle followed by GATE start-up. The internal UVLO
at VIN always overrides UV. A low at UV resets an internal
fault latch. A 1nF to 10nF capacitor at UV prevents tran-
sients and switching noise from affecting the UV thresh-
olds and prevents glitches at the GATE pin.
TIMER (Pin 10/Pin 8): Timer Input. TIMER is used to
generate an initial timing delay at start-up and to delay
shutdown in the event of an output overload (circuit
breaker fault). TIMER starts an initial timing cycle when
the following conditions are met: UV is high, OV is low, VIN
clears UVLO, TIMER pin is low, GATE is lower than VGATEL,
SS < 0.2V, and VSENSE – VEE < VCB. A pull-up current of
5.8
µA then charges CT, generating a time delay. If CT
charges to VTMRH (4V), the timing cycle terminates, TIMER
quickly pulls low and GATE is activated.
If SENSE exceeds 50mV while GATE is high, a circuit
breaker cycle begins with a 230
µA pull-up current charg-
ing CT. If DRAIN is approximately 7V (6V for LTC4252A)
during this cycle, the timer pull-up has an additional
current of 8 • IDRN. If SENSE drops below 50mV before
TIMER reaches 4V, a 5.8
µA pull-down current slowly
discharges the CT. In the event that CT eventually inte-
grates up to the VTMRH threshold, the circuit breaker trips,
GATE quickly pulls low and PWRGD pulls high. The
LTC4252-1 TIMER pin latches high with a 5.8
µA pull-up
source. This latched fault is cleared by either pulling
TIMER low with an external device or by pulling UV below
VUVLO. The LTC4252-2 starts a shutdown cooling cycle
following an overcurrent fault. This cycle consists of 4
discharging ramps and 3 charging ramps. The charging
and discharging currents are 5.8
µA and TIMER ramps
between its 1V and 4V thresholds. At the completion of a
shutdown cooling cycle, the LTC4252-2 attempts a start-
up cycle.
PI FU CTIO S (MS/MS8)


Similar Part No. - LTC4252-2CMS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-2 LINER-LTC4252-2 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4252-2 LINER-LTC4252-2 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
logo
Analog Devices
LTC4252-2 AD-LTC4252-2 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4252-2 AD-LTC4252-2 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
logo
Linear Technology
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results

Similar Description - LTC4252-2CMS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-2 LINER-LTC4252C-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com