Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXOHV-4EE3Y-25.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CXOHV-4EE3Y-25.000
Description  Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CXOHV-4EE3Y-25.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CXOHV-4EE3Y-25.000 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-020811 Rev. E
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 14
pin 7
pin 8
O/P Load
incl Probe Cl
OUT
GND
OUT
Vdd
Option
Specifications subject to change without notice.
Designed to meet today's
requirements for tighter
frequency stability tolerance
while reducing unit cost.
14 Pin Dip,
3.3V & 5V, HCMOS/TTL
CXOH / CXOHV Model
1MHz to 38MHz
±1ppm to ±5ppm
±0.5ppm Max
±0.3ppm Max
-40°C to 85°C
-55°C to 120°C
3.3V or 5V ± 5%
±3ppm Min
Voltage Trim Pin 1
15mA Typ, 30mA Max
HCMOS/TTL
40/60% Max @ 50% Vdd
45/55% Max
4ns Typ, 10ns Max
"0" = 10% Vdd Max
"1" = 90% Vdd Min
15pF/10TTL Max
-100dBc/Hz
-130dBc/Hz
-140dBc/Hz
-145dBc/Hz
-150dBc/Hz
<1ppm Max/Yr
Frequency Range:
Frequency Stability:
Freq. Stability vs Volt:
Freq. Stability vs Load:
Temperature Range:
Storage:
Input Voltage:
Mech. Trim. Range:
(Option V)
Input Current:
Output:
Symmetry:
(Option Y)
Rise/Fall Time:
Output Voltage:
Load:
Phase Noise Typ.:
10Hz
100Hz
1KHz
10KHz
100KHz
Aging:
CXOH
CXOHV - 4 B C 3 Y - 25.000
Crystek Part Number Guide
#6
#8
#1 Crystek TCXO HCMOS/TTL
#2 V or blank = (V = Volt.Trim) (Blank = Mech. Trim)
#3 4 or blank = Height (4 = 4.5mm) (Blank = 5.0mm)
#4 Letter = Operating Temperature (see table 1)
#5 Letter = Frequency Stability (see table 1)
#6 3 or blank = Input Volt (3 = 3.3 volts) (Blank= 5V)
#7 Y or blank = Symmetry (Y=45/55) (Blank = 40/60)
#8 Frequency in MHz: 3 or 6 decimal places
Example:
CXOH-4BC3Y-25.000 = mech. trim, 4.5mm, -10/60, ±2.5ppm, 3.3V, 45/55%, 25.000MHz
CXOHV-4B3CY-25.000 = volt. trim, 4.5mm, -10/60,±2.5ppm, 3.3V, 45/55%, 25.000MHz
#1
#3
#4
#5
#7
#2
Table 1
Operating
Temperature
Freq. Stability (± ppm)
0°C to 50°C
-10°C to 60°C
-10°C to 70°C
-20°C to 70°C
-30°C to 60°C
-30°C to 70°C
-30°C to 75°C
-40°C to 85°C
1.5
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
AB
C
D
E
F
A
B
C
D
E
F
G
H
1.0
P
2.5
3.0
2.0
2.0
2.0
CRYSTEK
Freq
Part no
DC
.720
(18.30)
.472
(12.00)
.300
(7.62)
#7
#8
#14
#1
*A
.098
(2.50)
.157
(4.00)
.600
(15.24)
PIN
Function
1
7
8
14
VT or NC
GND
OUT
Vcc
.178
(4.50)
.197
(5.00)
*A
.300
(7.62)
.150
(3.81)
.030
(0.76)
.075
(1.90)
Suggested PCB Layout
.150
(3.81)
.300
(7.62)
.051
(1.30)
ID=
.360
(9.14)
.157
(4.00) Min
.039
(1.00)
.020
(0.50)
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
± 5ppm Min
(5V) 2.5V ± 2.5V
(3.3V) 1.65V ± 1.65V
Voltage Trim Pin 1:
Control Voltage:
VCTCXO Specification
24
Temperature Compensated
Crystal Oscillator
Voltage Trim Option
Available
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CXOHV-4EE3Y-25.000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXOHV-4EE3Y ETC2-CXOHV-4EE3Y Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available
More results

Similar Description - CXOHV-4EE3Y-25.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOHV8 CRYSTEKCRYSTAL-CXOHV8 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
CXOS CRYSTEKCRYSTAL-CXOS Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, Clipped Sine
logo
List of Unclassifed Man...
CXOHV-4BC3Y ETC2-CXOHV-4BC3Y Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available
logo
Crystek Corporation
CXOSD4 CRYSTEKCRYSTAL-CXOSD4 Datasheet
115Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 4 Pin SMD, 3.3V & 5V, Clipped Sine
CXOHD CRYSTEKCRYSTAL-CXOHD Datasheet
113Kb / 1P
   Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, HCMOS/TTL
CVXO-014014S CRYSTEKCRYSTAL-CVXO-014014S Datasheet
118Kb / 1P
   Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip, 5V, HCMOS/TTL
N32XX CRYSTEKCRYSTAL-N32XX Datasheet
105Kb / 1P
   Clock Oscillator 14 Pin Dip, 5V, HCMOS/TTL
CCO-014014S CRYSTEKCRYSTAL-CCO-014014S Datasheet
116Kb / 1P
   8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
logo
Connor-Winfield Corpora...
HTFL2-20.00M CONNOR-WINFIELD-HTFL2-20.00M Datasheet
117Kb / 2P
   3.3V HCMOS TCXO 14 Pin DIP Crystal Oscillator
logo
Crystek Corporation
CVXO-030S CRYSTEKCRYSTAL-CVXO-030S Datasheet
119Kb / 1P
   Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip, 3.3V, HCMOS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com