Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC37322D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC37322D
Description  SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC37322D Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC37322D Datasheet HTML 3Page - Texas Instruments UCC37322D Datasheet HTML 4Page - Texas Instruments UCC37322D Datasheet HTML 5Page - Texas Instruments UCC37322D Datasheet HTML 6Page - Texas Instruments UCC37322D Datasheet HTML 7Page - Texas Instruments UCC37322D Datasheet HTML 8Page - Texas Instruments UCC37322D Datasheet HTML 9Page - Texas Instruments UCC37322D Datasheet HTML 10Page - Texas Instruments UCC37322D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504D − SEPTEMBER 2002 − REVISED SEPTEMBER 2007
7
www.ti.com
APPLICATION INFORMATION
output stage
The TrueDrive output stage is capable of supplying
±9-A peak current pulses and swings to both VDD and GND
and can encourage even the most stubborn MOSFETs to switch. The pull-up/pull-down circuits of the driver are
constructed of bipolar and MOSFET transistors in parallel. The peak output current rating is the combined
current from the bipolar and MOSFET transistors. The output resistance is the RDS(ON) of the MOSFET
transistor when the voltage on the driver output is less than the saturation voltage of the bipolar transistor. Each
output stage also provides a very low impedance to overshoot and undershoot due to the body diode of the
internal MOSFET. This means that in many cases, external-schottky-clamp diodes are not required.
This unique BiPolar and MOSFET hybrid output architecture (TrueDrive) allows efficient current sourcing at low
supply voltages. The UCC37321/2 family delivers 9 A of gate drive where it is most needed during the MOSFET
switching transition – at the Miller plateau region – providing improved efficiency gains.
source/sink capabilities during miller plateau
Large power MOSFETs present a significant load to the control circuitry. Proper drive is required for efficient,
reliable operation. The UCC37321/2 drivers have been optimized to provide maximum drive to a power
MOSFET during the Miller Plateau Region of the switching transition. This interval occurs while the drain voltage
is swinging between the voltage levels dictated by the power topology, requiring the charging/discharging of the
drain-gate capacitance with current supplied or removed by the driver device. [1]
Two circuits are used to test the current capabilities of the UCC37321/2 driver. In each case external circuitry
is added to clamp the output near 5 V while the device is sinking or sourcing current. An input pulse of 250 ns
is applied at a frequency of 1 kHz in the proper polarity for the respective test. In each test there is a transient
period where the current peaked up and then settled down to a steady-state value. The noted current
measurements are made at a time of 200 ns after the input pulse is applied, after the initial transient.
The circuit in Figure 3 is used to verify the current sink capability when the output of the driver is clamped around
5 V, a typical value of gate-source voltage during the Miller Plateau Region. The UCC37321 is found to sink 9 A
at VDD = 15 V.
UDG−01113
UCC37321
ENBL
1
2
3
4
AGND
IN
7
6
5
8
OUT
OUT
PGND
INPUT
1
µF
CER
100
µF
AL EL
DSCHOTTKY
VDD
C2
1
µF
VSNS
RSNS
0.1
C3
100
µF
10
+
VSUPPLY
5.5 V
VDD
VDD
Figure 3. Sink Current Test Circuit


Similar Part No. - UCC37322D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37322D TI-UCC37322D Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC37322D TI1-UCC37322D Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC37322D TI1-UCC37322D Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC37322DG4 TI1-UCC37322DG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC37322DG4 TI1-UCC37322DG4 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
More results

Similar Description - UCC37322D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com