Electronic Components Datasheet Search |
|
CVXO-030EIY-25-44.768 Datasheet(PDF) 1 Page - Crystek Corporation |
|
CVXO-030EIY-25-44.768 Datasheet(HTML) 1 Page - Crystek Corporation |
|
1 / 1 page TD-02078 Rev.C PWR Supply mA M VM OSC. pin 1 pin 8 or 14 pin 4 or 7 pin 5 or 8 O/P Load incl Probe Cl OUT GND OUT Vdd Cont Specifications subject to change without notice. Aging: Designed to meet today's requirements for economical solutions. 8 & 14 Pin Dip, 3.3V, HCMOS CVXO-030S & 030 Models 1MHz to 200MHz ±10ppm to ±100ppm See Table 1 -55°C to 120°C 3.3V ± 0.3V 1.65V ± 1.65V 100mA Max @ 200MHz HCMOS 40/60% Max @ 50% Vdd 45/55% Max 4ns Typ, 10ns Max See Table 2 (50ppm Min, 150ppm Max Std.) "0" = 10% Vdd Max "1" = 90% Vdd Min 15pF Max ± 10% Max Frequency Range: Frequency Stability: Temperature Range: Storage: Input Voltage: Control Voltage: Input Current: Output: Symmetry: (Option Y) Rise/Fall Time: Control Range: Output Voltage: Load: Linearity: CVXO-030 A A Y - 25 - 44.768 Crystek Part Number Guide for 14 pin #1 #2 #3 #4 #7 #6 #5 #1 Crystek VCXO #2 Model #3 Temp. Range: (see table 1) #4 Control Range: (see table 2) #5 Symmetry: (Blank = 40/60, Y=45/55) #6 Stability: (see table 1, Blank = 100ppm) #7 Frequency in MHz: 3 or 6 decimal places Example: CVXO-030AAY-25-25.000 = 3.3V VCXO, 0/50°C, ±30ppm Max Pull, 45/55, 25ppm, 25.000 MHz CVXO-030ED-19.660800 = 3.3V VCXO, -20/70, ±100ppm Min Pull, 40/60, 100ppm, 19.660800 MHz Table 1 Operating Temperature Freq. Stability (± ppm) 0°C to 50°C -10°C to 60°C 0°C to 70°C -10°C to 70°C -20°C to 70°C -30°C to 60°C -40°C to 85°C 10 20 20 20 20 25 25 25 25 25 25 50 50 50 50 50 50 50 A B C D E F G 100 100 100 100 100 100 100 25 10 10 CVXO-030S A A Y - 25 - 44.768 Crystek Part Number Guide 8 pin #1 #2 #3 #4 #7 #6 #5 #1 Crystek VCXO #2 Model #3 Temp. Range: (see table 1) #4 Control Range: (see table 2) #5 Symmetry: (Blank = 40/60, Y=45/55) #6 Stability: (see table 1, Blank = 100ppm) #7 Frequency in MHz: 3 or 6 decimal places Example: CVXO-030SAAY-25-25.000 = 3.3V VCXO, 0/50°C, ±30ppm Max Pull, 45/55, 25ppm, 25.000 MHz CVXO-030SED-19.660800 = 3.3V VCXO, -20/70, ±100ppm Min Pull, 40/60, 100ppm, 19.660800 MHz CONTROL RANGE OPTIONS Table 2 A 20ppm Typ, 30ppm Max 30ppm Min 50ppm Min 100ppm Min 150ppm Min 200ppm Min B C D E F (STD) 50ppm Min, 150ppm Max 150ppm Min, 250ppm Max 200ppm Min, 300ppm Max G H I **Custom Designs Available All dimensions are Max unless otherwise specified. Dimensions inches (mm) <3ppm 1st/yr, 1ppm every year thereafter 22 Voltage Controlled Crystal Oscillator CVXO-030 .750 (19.05) .820 (20.83) .450 (11.43) .520 (13.21) CRYSTEK Part Number Frequency Date Code .600 (15.24) .300 (7.62) 1 14 7 8 .200 (5.08) .260 (6.60) .200 (5.08) .260 (6.60) .300 (7.62) .300 (7.62) Pin 1 Pin 8 Pin 4 Pin 5 CRYSTEK P/N Frequency DC .450 (11.43) .520 (13.21) CVXO-030S Le ad Fre e Ro HS Co mp lian t |
Similar Part No. - CVXO-030EIY-25-44.768 |
|
Similar Description - CVXO-030EIY-25-44.768 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |