Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4252A-2CMS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4252A-2CMS
Description  Negative Voltage Hot Swap Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252A-2CMS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4252A-2CMS Datasheet HTML 5Page - Linear Technology LTC4252A-2CMS Datasheet HTML 6Page - Linear Technology LTC4252A-2CMS Datasheet HTML 7Page - Linear Technology LTC4252A-2CMS Datasheet HTML 8Page - Linear Technology LTC4252A-2CMS Datasheet HTML 9Page - Linear Technology LTC4252A-2CMS Datasheet HTML 10Page - Linear Technology LTC4252A-2CMS Datasheet HTML 11Page - Linear Technology LTC4252A-2CMS Datasheet HTML 12Page - Linear Technology LTC4252A-2CMS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
9
425212fb
TYPICAL PERFOR A CE CHARACTERISTICS
tSS vs Temperature
VIN (Pin 1/Pin 1): Positive Supply Input. Connect this pin
to the positive side of the supply through a dropping
resistor. A shunt regulator clamps VIN at 13V. An internal
undervoltage lockout (UVLO) circuit holds GATE low until
the VIN pin is greater than VLKO, overriding UV and OV. If
UV is high, OV is low and VIN comes out of UVLO, TIMER
starts an initial timing cycle before initiating a GATE ramp-
up. If VIN drops below approximately 8.2V, GATE pulls low
immediately.
PWRGD (Pin 2/Not Available): Power Good Status Out-
put (MS only). At start-up, PWRGD latches low if DRAIN
is below 2.385V and GATE is within 2.8V of VIN. PWRGD
status is reset by UV, VIN (UVLO) or a circuit breaker fault
timeout. This pin is internally pulled high by a 58
µAcurrent
source.
SS (Pin 3/Pin 2): Soft-Start Pin. This pin is used to ramp
inrush current during start up, thereby effecting control
over di/dt. A 20x attenuated version of the SS pin voltage
is presented to the current limit amplifier. This attenuated
voltage limits the MOSFET’s drain current through the
sense resistor during the soft-start current limiting. At the
beginning of a start-up cycle, the SS capacitor (CSS) is
ramped by a 22
µA (28µA for the LTC4252A) current
source. The GATE pin is held low until SS exceeds 20 • VOS
= 0.2V. SS is internally shunted by a 100k resistor (RSS)
which limits the SS pin voltage to 2.2V(50k resistor and
1.4V for the LTC4252A). This corresponds to an analog
current limit SENSE voltage of 100mV (60mV for the
LTC4252A). If the SS capacitor is omitted, the SS pin
ramps up in about 180
µs. The SS pin is pulled low under
any of the following conditions: in UVLO, in an undervolt-
age condition, in an overvoltage condition, during the
initial timing cycle or when the circuit breaker fault times
out.
SENSE (Pin 4/Pin 3): Circuit Breaker/Current Limit Sense
Pin. Load current is monitored by a sense resistor RS
connected between SENSE and VEE, and controlled in
three steps. If SENSE exceeds VCB (50mV), the circuit
breaker comparator activates a (230
µA + 8 • IDRN) TIMER
pull-up current. If SENSE exceeds VACL, the analog current
limit amplifier pulls GATE down to regulate the MOSFET
current at VACL/RS. In the event of a catastrophic short-
circuit, SENSE may overshoot. If SENSE reaches VFCL
(200mV), the fast current limit comparator pulls GATE low
with a strong pull-down. To disable the circuit breaker and
current limit functions, connect SENSE to VEE.
PI FU CTIO S
IPGH vs Temperature
tPLLUG and tPHLOG
vs Temperature
TEMPERATURE
°(C)
–55 –35 –15
5
25
45
65
85 105 125
4252-1/2 G38
62
61
60
59
58
57
56
55
VPWRGD = 0V
(MS ONLY)
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4252-1/2 G27
220
210
200
190
180
170
160
150
SS PIN FLOATING,
VSS RAMPS FROM 0.2V TO 2V
TEMPERATURE (
°C)
–55
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–15
25
45
125
4252-1/2 G24
–35
5
65
85 105
tPLLUG
tPHLOG
(MS/MS8)


Similar Part No. - LTC4252A-2CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252A-2 LINER-LTC4252A-2 Datasheet
278Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4252A-2 LINER-LTC4252A-2 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
logo
Analog Devices
LTC4252A-2 AD-LTC4252A-2 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4252A-2 AD-LTC4252A-2 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
logo
Linear Technology
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results

Similar Description - LTC4252A-2CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-2 LINER-LTC4252C-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com