Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27321DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27321DR
Description  SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27321DR Datasheet(HTML) 3 Page - Texas Instruments

  UCC27321DR Datasheet HTML 1Page - Texas Instruments UCC27321DR Datasheet HTML 2Page - Texas Instruments UCC27321DR Datasheet HTML 3Page - Texas Instruments UCC27321DR Datasheet HTML 4Page - Texas Instruments UCC27321DR Datasheet HTML 5Page - Texas Instruments UCC27321DR Datasheet HTML 6Page - Texas Instruments UCC27321DR Datasheet HTML 7Page - Texas Instruments UCC27321DR Datasheet HTML 8Page - Texas Instruments UCC27321DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504D − SEPTEMBER 2002 − REVISED SEPTEMBER 2007
3
www.ti.com
electrical characteristics, VDD = 4.5 V to 15 V, TA = −40°C to 105°C for UCC2732x, TA = 0°C to 70°C
for UCC3732x, TA = TJ, (unless otherwise noted)
input (IN)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
VIN_H, logic 1 input threshold
2
V
VIN_L, logic 0 input threshold
1
V
Input current
0 V
≤ VIN ≤ VDD
−10
0
10
µA
output (OUT)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Peak output current(1)(2)
VDD = 14 V,
9
A
VOH, output high level
VOH = VDD – VOUT,IOUT = −10 mA
150
300
mV
VOL, output high level
IOUT = 10 mA
11
25
mV
Output resistance high(3)
IOUT = −10 mA,
VDD = 14 V
15
25
Output resistance low(3)
IOUT = 10 mA,
VDD = 14 V
1.1
2.5
latch−up protection(1)
500
mA
overall
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
IN = LO, EN = LO,
VDD = 15 V
150
225
UCC37321
IN = HI,
EN = LO,
VDD = 15 V
440
650
UCC37321
UCC27321
IN = LO, EN = HI,
VDD = 15 V
370
550
IDD, static operating current
UCC27321
IN = HI,
EN = HI,
VDD = 15 V
370
550
A
IDD, static operating current
IN = LO, EN = LO,
VDD = 15 V
150
225
µA
UCC37322
IN = HI,
EN = LO,
VDD = 15 V
450
650
UCC37322
UCC27322
IN = LO, EN = HI,
VDD = 15 V
75
125
UCC27322
IN = HI,
EN = HI,
VDD = 15 V
675
1000
enable (ENBL)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
VIN_H, high-level input voltage
LO to HI transition
1.7
2.2
2.7
V
VIN_L, low-level input voltage
HI to LO transition
1.1
1.6
2.0
V
Hysteresis
0.25
0.55
0.90
V
RENBL, enable impedance
VDD = 14 V,
ENBL = GND
75
100
135
k
tD3, propagation delay time(5)
CLOAD = 10 nF
60
90
ns
tD4, propagation delay time(5)
CLOAD = 10 nF
60
90
ns
NOTES:
1. Ensured by design. Not tested in production.
2. The pullup / pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The peak output current rating is the
combined current from the bipolar and MOSFET transistors.
3. The pullup / pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The output resistance is the RDS(ON) of
the MOSFET transistor when the voltage on the driver output is less than the saturation voltage of the bipolar transistor.
5. See Figure 2.


Similar Part No. - UCC27321DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27321DR TI1-UCC27321DR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27321DR TI1-UCC27321DR Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27321DRG4 TI1-UCC27321DRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27321DRG4 TI1-UCC27321DRG4 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
More results

Similar Description - UCC27321DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com